Electronic Components Datasheet Search
  English  ▼

X  

ISO7342CDWR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7342CDWR
Description  Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7342CDWR Datasheet(HTML) 22 Page - Texas Instruments

Back Button ISO7342CDWR Datasheet HTML 18Page - Texas Instruments ISO7342CDWR Datasheet HTML 19Page - Texas Instruments ISO7342CDWR Datasheet HTML 20Page - Texas Instruments ISO7342CDWR Datasheet HTML 21Page - Texas Instruments ISO7342CDWR Datasheet HTML 22Page - Texas Instruments ISO7342CDWR Datasheet HTML 23Page - Texas Instruments ISO7342CDWR Datasheet HTML 24Page - Texas Instruments ISO7342CDWR Datasheet HTML 25Page - Texas Instruments ISO7342CDWR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
14
13
INA
OUTD
3
4
5
6
EN1
EN2
7
10
INB
12
11
OUTC
IND
INC
DVDD
DGND
2
GAIN1
24
25
26
GAIN0
SPEED
PWDN
AIN3+
AIN3±
AIN4+
A0
A1
AIN1+
AIN1±
AIN2+
SCLK
DOUT
REF+
REF±
AIN4±
1
VCC1
16
VCC2
2,8
9,15
GND1
GND2
23
20
19
28
8
7
27
P3.1
P3.0
CLK
SOMI
13
11
12
14
4
2
MSP430
F2132
DVss
DVcc
14
13
OUTD
3
4
5
6
NC
EN
7
10
12
11
OUTC
IND
INC
1
VCC1
16
VCC2
2,8
9,15
GND1
GND2
ISO7340
ISO7341
5VISO
5VISO
3.3 V
3.3 V
P3.7
P3.6
18
17
3.3 V
22
AVDD
AGND
21
5VISO
AIN2±
13
14
17
16
15
11
12
18
INA
INB
OUTB
OUTA
OUTA
OUTB
1
5VISO
5VISO
Thermo
couple
Current
shunt
RTD
Bridge
XOUT
XIN
5
6
P3.4
15
P3.5
16
ADS1234
ISO-BARRIER
0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
22
ISO7340C, ISO7340FC, ISO7341C, ISO7341FC, ISO7342C, ISO7342FC
SLLSEI6F – SEPTEMBER 2014 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: ISO7340C ISO7340FC ISO7341C ISO7341FC ISO7342C ISO7342FC
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The ISO734x family of devices use single-ended TTL-logic switching technology. The supply voltage range is
from 3 V to 5.5 V for both supplies, VCC1 and VCC2. When designing with digital isolators, keep in mind that
because of the single-ended design structure, digital isolators do not conform to any specific interface standard
and are only intended for isolating single-ended CMOS or TTL digital signal lines. The isolator is typically placed
between the data controller (that is, μC or UART), and a data converter or a line transceiver, regardless of the
interface type or standard.
10.2 Typical Application
10.2.1 Isolated Data Acquisition System for Process Control
The ISO734x family of devices combined with Texas Instruments' precision analog-to-digital converter and mixed
signal micro-controller can create an advanced isolated data acquisition system as shown in Figure 20.
Figure 20. Isolated Data-Acquisition System for Process Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com