Electronic Components Datasheet Search
  English  ▼

X  

ISO7342CDWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7342CDWR
Description  Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7342CDWR Datasheet(HTML) 1 Page - Texas Instruments

  ISO7342CDWR Datasheet HTML 1Page - Texas Instruments ISO7342CDWR Datasheet HTML 2Page - Texas Instruments ISO7342CDWR Datasheet HTML 3Page - Texas Instruments ISO7342CDWR Datasheet HTML 4Page - Texas Instruments ISO7342CDWR Datasheet HTML 5Page - Texas Instruments ISO7342CDWR Datasheet HTML 6Page - Texas Instruments ISO7342CDWR Datasheet HTML 7Page - Texas Instruments ISO7342CDWR Datasheet HTML 8Page - Texas Instruments ISO7342CDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
OUTx
GNDO
GNDI
INx
VCCO
VCCI
Isolation
Capacitor
ENx
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
ISO7340C, ISO7340FC, ISO7341C, ISO7341FC, ISO7342C, ISO7342FC
SLLSEI6F – SEPTEMBER 2014 – REVISED AUGUST 2016
ISO734x Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
1
1 Features
1
•
Signaling Rate: 25 Mbps
•
Integrated Noise Filter on the Inputs
•
Default Output High and Low Options
•
Low Power Consumption, Typical ICC per Channel
at 1 Mbps:
–
ISO7340x: 0.9 mA (5-V Supplies),
0.7 mA (3.3-V Supplies)
–
ISO7341x: 1.2 mA (5-V Supplies),
0.9 mA (3.3-V Supplies)
–
ISO7342x: 1.3 mA (5-V Supplies),
0.9 mA (3.3-V Supplies)
•
Low Propagation Delay: 31 ns
Typical (5-V Supplies)
•
3.3-V and 5-V Level Translation
•
Wide Temperature Range: –40°C to 125°C
•
70-KV/μs Transient Immunity,
Typical (5-V Supplies)
•
Robust Electromagnetic Compatibility (EMC)
–
System-level ESD, EFT, and Surge Immunity
–
Low Emissions
•
Operates from 3.3-V and 5-V Supplies
•
Wide-Body SOIC-16 Package
•
Safety-Related Certifications:
–
4242-VPK Basic Isolation per DIN V VDE V
0884-10 and DIN EN 61010-1
–
3-KVRMS Isolation for 1 minute per UL 1577
–
CSA Component Acceptance Notice 5A, IEC
60950-1 and IEC 61010-1 End Equipment
Standards
–
GB4943.1-2011 CQC Certified
2 Applications
•
Optocoupler Replacement in:
–
Industrial Fieldbus
–
Profibus
–
Modbus
–
DeviceNetTM Data Buses
–
Servo Control Interface
–
Motor Control
–
Power Supplies
–
Battery Packs
3 Description
The ISO734x family of devices provides galvanic
isolation up to 3000 VRMS for 1 minute per UL 1577
and 4242 VPK per VDE V 0884-10. These devices
have four isolated channels comprised of logic input
and output buffers separated by a silicon dioxide
(SiO2) insulation barrier.
The ISO7340x device has four channels in forward
direction, the ISO7341x device has three forward and
one reverse-direction channels, and the ISO7342x
device has two forward and two reverse-direction
channels. In case of input power or signal loss, the
default output is low for devices with suffix F and high
for
devices
without
suffix
F.
See
the
Device
Functional Modes section for further details.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
ISO7340C
SOIC (16)
10.30 mm × 7.50 mm
ISO7340FC
ISO7341C
ISO7341FC
ISO7342C
ISO7342FC
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic
VCCI and GNDI are supply and ground
connections respectively for the input
channels.
VCCO and GNDO are supply and ground
connections respectively for the output.


Similar Part No. - ISO7342CDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7342CDWR TI2-ISO7342CDWR Datasheet
855Kb / 38P
ISO734x Robust EMC, Low-Power, Quad-Channel Digital Isolators
REVISED JANUARY 2017
ISO7342CDWR.A TI2-ISO7342CDWR.A Datasheet
855Kb / 38P
ISO734x Robust EMC, Low-Power, Quad-Channel Digital Isolators
REVISED JANUARY 2017
ISO7342CDWR.B TI2-ISO7342CDWR.B Datasheet
855Kb / 38P
ISO734x Robust EMC, Low-Power, Quad-Channel Digital Isolators
REVISED JANUARY 2017
More results

Similar Description - ISO7342CDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7340C TI-ISO7340C_15 Datasheet
1Mb / 34P
ISO734x Robust EMC, Low Power, Quad-Channel Digital Isolators
ISO7342FC TI-ISO7342FC_15 Datasheet
1Mb / 34P
ISO734x Robust EMC, Low Power, Quad-Channel Digital Isolators
ISO7342-Q1 TI-ISO7342-Q1_15 Datasheet
1Mb / 31P
ISO734x-Q1 Robust EMC, Low-Power, Quad-Channel Digital Isolators
ISO7340-Q1 TI1-ISO7340-Q1_16 Datasheet
1Mb / 35P
Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
ISO7740 TI1-ISO7740 Datasheet
1Mb / 41P
High Speed, Robust EMC Reinforced Quad-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740 TI1-ISO7740_17 Datasheet
1Mb / 43P
High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1_17 Datasheet
1Mb / 42P
High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO6740 TI-ISO6740 Datasheet
3Mb / 44P
ISO674x General-Purpose Reinforced Quad-Channel Digital Isolators with Robust EMC
ISO6731 TI-ISO6731_V01 Datasheet
2Mb / 40P
ISO674x General-Purpose Reinforced Quad-Channel Digital Isolators with Robust EMC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com