Electronic Components Datasheet Search
  English  ▼

X  

INA110 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA110
Description  Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA110 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA110 Datasheet HTML 4Page - Texas Instruments INA110 Datasheet HTML 5Page - Texas Instruments INA110 Datasheet HTML 6Page - Texas Instruments INA110 Datasheet HTML 7Page - Texas Instruments INA110 Datasheet HTML 8Page - Texas Instruments INA110 Datasheet HTML 9Page - Texas Instruments INA110 Datasheet HTML 10Page - Texas Instruments INA110 Datasheet HTML 11Page - Texas Instruments INA110 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
INA110
8
SBOS147A
www.ti.com
DISCUSSION OF
PERFORMANCE
A simplified diagram of the INA110 is shown on the first
page. The design consists of the classical three operational
amplifier configuration using current-feedback type op amps
with precision FET buffers on the input. The result is an
instrumentation amplifier with premium performance not
normally found in integrated circuits.
The input section (A1 and A2) incorporates high perfor-
mance, low bias current, and low drift amplifier circuitry.
The amplifiers are connected in the noninverting configura-
tion to provide high input impedance (1012
Ω). Laser-trim-
ming is used to achieve low offset voltage. Input cascoding
assures low bias current and high CMR. Thin-film resistors
on the integrated circuit provide excellent gain accuracy and
temperature stability.
The output section (A3) is connected in a unity-gain differ-
ence amplifier configuration. Precision matching of the four
10kΩ resistors, especially over temperature and time,
assures high common-mode rejection.
BASIC POWER SUPPLY
AND SIGNAL CONNECTIONS
Figure 1 shows the proper connections for power supply and
signal. Supplies should be decoupled with 1
µF tantalum
capacitors as close to the amplifier as possible. To avoid
gain and CMR errors introduced by the external circuit,
connect grounds as indicated, being sure to minimize ground
resistance. Resistance in series with the reference (pin 6)
will degrade CMR. To maintain stability, avoid capacitance
from the output to the gain set, offset adjust, and input pins.
INA110’s input (RTI) is the offset of the input stage plus
the offset of the output stage divided by the gain of the
input stage. This allows specification of offset independent
of gain.
FIGURE 2. Offset Adjustment Circuit.
1
2
6
10
INA110
9
V
OUT
100k
Ω
4
–V
CC
5
14
15
100k
Ω
+V
CC
Input
Offset
Adjust
Output
Offset
Adjust
∆V
IN
For systems using computer autozeroing techniques, neither
offset nor offset drift are of concern. In many other applica-
tions, the factory-trimmed offset gives excellent results.
When greater accuracy is desired, one adjustment is usually
sufficient. In high gains (>100) adjust only the input offset,
and in low gains the output offset. For higher precision in all
gains, both can be adjusted by first selecting high gain and
adjusting input offset and then low gain and adjusting output
offset. The offset adjustment will, however, add to the drift
by approximately 0.33
µV/°C per 100µV of input offset
voltage that is adjusted. Therefore, care should be taken
when considering use of adjustment.
Output offsetting can be accomplished as shown in Figure 3
by applying a voltage to the reference (pin 6) through a
buffer. This limits the resistance in series with pin 6 to
minimize CMR error. Be certain to keep this resistance low.
Note that the offset error can be adjusted at this reference
point with no appreciable degradation in offset drift.
FIGURE 3. Output Offsetting.
1
6
10
INA110
9
V
OUT
R
3
OPA177
∆V
IN
V
OUT = VOFFSETTING + ∆VIN G.
R
2
R
1
+V
CC
–V
CC
V
OFFSETTING
V
OFFSETTING
With ±V
CC = 15V, R1 = 100kΩ, R2 = 1MΩ.
R
3 = 10kΩ, VOFFSETTING = ±150mV.
2
OFFSET ADJUSTMENT
Figure 2 shows the offset adjustment circuit for the INA110.
Both the offset of the input stage and output stage can be
adjusted separately. Notice that the offset referred to the
FIGURE 1. Basic Circuit Connection.
1
13
12
16
11
3
2
8
6
10
9
V
OUT
∆V
IN
x10
x100
x200
x500
7
1µF
R
L
–V
CC
1µF
+V
CC
Sense
V
OUT = ∆VIN G
INA110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com