Electronic Components Datasheet Search
  English  ▼

X  

INA110 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA110
Description  Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA110 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA110 Datasheet HTML 6Page - Texas Instruments INA110 Datasheet HTML 7Page - Texas Instruments INA110 Datasheet HTML 8Page - Texas Instruments INA110 Datasheet HTML 9Page - Texas Instruments INA110 Datasheet HTML 10Page - Texas Instruments INA110 Datasheet HTML 11Page - Texas Instruments INA110 Datasheet HTML 12Page - Texas Instruments INA110 Datasheet HTML 13Page - Texas Instruments INA110 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
INA110
10
SBOS147A
www.ti.com
negative input exceeds that in the positive input, stray
capacitance from the output will create a net negative feed-
back and improve the circuit stability. If the impedance in
the positive input is greater, the feedback due to stray
capacitance will be positive and instability may result. The
degree of positive feedback depends upon source impedance
imbalance, operating gain, and board layout. The addition of
a small bypass capacitor of 5pF to 50pF directly between the
inputs of the IA will generally eliminate any positive feed-
back. CMR errors due to the input impedance mismatch will
also be reduced by the capacitor.
The INA110 is designed for fast settling with easy gain
selection. It has especially excellent settling in high gain. It
can also be used in fast-settling unity-gain applications. As
with all such amplifiers, the INA110 does exhibit significant
gain peaking when set to a gain of 1. It is, however,
unconditionally stable. The gain peaking can be cancelled
by band-limiting the negative input to 400kHz with a simple
external RC circuit for applications requiring flat response.
CMR is not affected by the addition of the 400kHz RC in a
gain of 1.
Another distinct advantage of the INA110 is the high fre-
quency CMR response. High frequency noise and sharp
common-mode transients will be rejected. To preserve AC
CMR, be sure to minimize stray capacitance on the input
lines. Matching the RCs in the two inputs will help to
maintain high AC CMR.
APPLICATIONS
In addition to general purpose uses, the INA110 is designed
to accurately handle two important and demanding applica-
tions: (1) inputs with high source impedances such as
capacitance/crystal/photodetector sensors and low-pass
filters and series-input protection devices, and (2) rapid-
scanning data acquisition systems requiring fast settling
time. Because the user has access to the output sense, current
sources can also be constructed using a minimum of external
components. Figures 6 through 19 show application circuits.
FIGURE 6. Transformer-Coupled Amplifier.
FIGURE 8. Instrumentation Amplifier with Shield Driver.
X200
3
16
1
2
6
10
INA110
9
V
OUT
100
Ω
–15V
7
8
+15V
OPA121
∆V
IN
Divider minimizes degredation of CMR due to
distributed capacitance on the input lines.
3
16
1
2
6
10
INA110
9
V
OUT
–15V
7
8
+15V
X200
Transducer
FIGURE 7. Floating Source Instrumentation Amplifier.
X100
3
12
1
2
6
10
INA110
9
V
OUT
1M
Ω
Thermocouple
Transducer or
Other Floating
Source
7
8
+15V
–15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com