Electronic Components Datasheet Search
  English  ▼

X  

INA110 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA110
Description  Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA110 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA110 Datasheet HTML 13Page - Texas Instruments INA110 Datasheet HTML 14Page - Texas Instruments INA110 Datasheet HTML 15Page - Texas Instruments INA110 Datasheet HTML 16Page - Texas Instruments INA110 Datasheet HTML 17Page - Texas Instruments INA110 Datasheet HTML 18Page - Texas Instruments INA110 Datasheet HTML 19Page - Texas Instruments INA110 Datasheet HTML 20Page - Texas Instruments INA110 Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
MECHANICAL DATA
MMBC006 – MARCH 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
LME (O–MBCY–W10)
METAL CYLINDRICAL PACKAGE
7
8
4202488/A 03/01
0.335 (8,51)
0.370 (9,40)
0.335 (8,51)
0.305 (7,75)
0.185 (4,70)
0.165 (4,19)
0.500 (12,70) MIN
0.010 (0,25)
0.040 (1,02)
0.040 (1,02)
0.010 (0,25)
0.016 (0,41)
0.021 (0,53)
0.045 (1,14)
0.029 (0,74)
0.028 (0,71)
0.034 (0,86)
0.120 (3,05)
0.160 (4,06)
0.120 (3,05)
0.110 (2,79)
ø
ø
ø
ø
Seating
Plane
36°
3
1
10
9
4
5
6
2
0.230 (5,84)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Leads in true position within 0.010 (0,25) R @ MMC at seating plane.
D. Pin numbers shown for reference only. Numbers may not be marked on package.
E. Falls within JEDEC MO–006/TO-100.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com