Electronic Components Datasheet Search
  English  ▼

X  

INA148 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA148
Description  200V Common-Mode Voltage DIFFERENCE AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA148 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA148 Datasheet HTML 2Page - Texas Instruments INA148 Datasheet HTML 3Page - Texas Instruments INA148 Datasheet HTML 4Page - Texas Instruments INA148 Datasheet HTML 5Page - Texas Instruments INA148 Datasheet HTML 6Page - Texas Instruments INA148 Datasheet HTML 7Page - Texas Instruments INA148 Datasheet HTML 8Page - Texas Instruments INA148 Datasheet HTML 9Page - Texas Instruments INA148 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
®
INA148
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, VS = ±15V, RL = 10kΩ to common, and VREF = 0V, unless otherwise noted.
20
15
10
5
0
–5
–10
–15
–20
–60
–40
–20
0
20
40
60
80
100
120
140
+SC
–SC
SHORT-CIRCUIT CURRENT vs TEMPERATURE
Temperature (
°C)
25
µs/div
+125
°C
+125
°C
–55
°C
–55
°C
LARGE-SIGNAL STEP RESPONSE
vs TEMPERATURE
25
µs/div
LARGE-SIGNAL STEP RESPONSE
(R
L = 10kΩ, CL = 10pF)
10
µs/div
SMALL-SIGNAL STEP RESPONSE
(R
L = 10kΩ, CL = 10pF)
100
µs/div
LARGE-SIGNAL CAPACITIVE LOAD RESPONSE
(C
L = 1nF and 10nF)
V
IN
C
L = 1nF
C
L = 10nF
G = +1V/V
1ms/div
R
L = 1kΩ
R
L = 10kΩ
R
L = 100kΩ
R
L = 1kΩ
R
L = 10kΩ
R
L = 100kΩ
OUTPUT VOLTAGE SWING vs R
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com