Electronic Components Datasheet Search
  English  ▼

X  

INA148 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA148
Description  200V Common-Mode Voltage DIFFERENCE AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA148 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA148 Datasheet HTML 4Page - Texas Instruments INA148 Datasheet HTML 5Page - Texas Instruments INA148 Datasheet HTML 6Page - Texas Instruments INA148 Datasheet HTML 7Page - Texas Instruments INA148 Datasheet HTML 8Page - Texas Instruments INA148 Datasheet HTML 9Page - Texas Instruments INA148 Datasheet HTML 10Page - Texas Instruments INA148 Datasheet HTML 11Page - Texas Instruments INA148 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
®
INA148
FIGURE 1. Basic Circuit Connections.
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, VS = ±15V, RL = 10kΩ to common, and VREF = 0V, unless otherwise noted.
APPLICATION INFORMATION
The INA148 is a unity gain difference amplifier with a high
common-mode input voltage range. A basic diagram of the
circuit and pin connections is shown in Figure 1.
To achieve its high common-mode voltage range, the INA148
features a precision laser-trimmed thin-film resistor network
with a 20:1 input voltage divider ratio. High input voltages
are thereby reduced in amplitude, allowing the internal op
amp to “see” input voltages that are within its linear oper-
ating range. A “Tee” network in the op amp feedback
network places the amplifier in a gain of 20V/V, thus
restoring the circuit’s overall gain to unity (1V/V).
External voltages can be summed into the amplifier’s output
by using the Ref pin, making the differential amplifier a
highly versatile design tool. Voltages on the Ref pin will
also influence the INA148’s common-mode voltage range.
In accordance with good engineering practice for linear
integrated circuits, the INA148’s power-supply bypass
capacitors should be connected as close to pins 4 and 7 as
practicable. Ceramic or tantalum types are recommended for
use as bypass capacitors.
The input impedances are unusually high for a difference
amplifier and this should be considered when routing input
signal traces on a PC board. Avoid placing digital signal
traces near the difference amplifier’s input traces to mini-
mize noise pickup.
OPERATING VOLTAGE
The INA148 is specified for
±15V and ±5V dual supplies
and +5V single supplies. The INA148 can be operated with
single or dual supplies with excellent performance.
The INA148 is fully characterized for supply voltages from
±1.35V to ±18V and over temperatures of –55ºC to +125 ºC.
Parameters that vary significantly with operating voltage,
load conditions, or temperature are shown in the Typical
Performance Curves section.
5
µs/div
INVERTING INPUT
50% OVERLOAD RECOVERY TIME
1M
Ω
50k
Ω
52.6316k
Ω
50k
Ω
2.7778k
Ω
1M
Ω
V
IN
7
3
2
6
41
A1
INA148
–V
S
V
O
+
V
IN
–
0.1
µF
+V
S
0.1
µF
V
O = (VIN – VIN)
–
+
5
µs/div
NON-INVERTING INPUT
50% OVERLOAD RECOVERY TIME
VS = ±15V
VIN–
VOUT
0V
0V
VIN+
VOUT
0V
VS = ±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com