Electronic Components Datasheet Search
  English  ▼

X  

TPS22918DBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22918DBVT
Description  5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22918DBVT Datasheet(HTML) 2 Page - Texas Instruments

  TPS22918DBVT Datasheet HTML 1Page - Texas Instruments TPS22918DBVT Datasheet HTML 2Page - Texas Instruments TPS22918DBVT Datasheet HTML 3Page - Texas Instruments TPS22918DBVT Datasheet HTML 4Page - Texas Instruments TPS22918DBVT Datasheet HTML 5Page - Texas Instruments TPS22918DBVT Datasheet HTML 6Page - Texas Instruments TPS22918DBVT Datasheet HTML 7Page - Texas Instruments TPS22918DBVT Datasheet HTML 8Page - Texas Instruments TPS22918DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2
TPS22918
SLVSD76B – FEBRUARY 2016 – REVISED JUNE 2016
www.ti.com
Product Folder Links: TPS22918
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings ............................................................ 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Switching Characteristics .......................................... 6
6.7
Typical DC Characteristics........................................ 7
6.8
Typical AC Characteristics ........................................ 9
7
Parameter Measurement Information ................ 12
8
Detailed Description ............................................ 13
8.1
Overview ................................................................. 13
8.2
Functional Block Diagram ....................................... 13
8.3
Feature Description................................................. 14
8.4
Device Functional Modes........................................ 16
9
Application and Implementation ........................ 17
9.1
Application Information............................................ 17
9.2
Typical Application ................................................. 17
10
Power Supply Recommendations ..................... 21
11
Layout................................................................... 21
11.1
Layout Guidelines ................................................. 21
11.2
Layout Example .................................................... 22
11.3
Thermal Considerations ........................................ 22
12
Device and Documentation Support ................. 23
12.1
Device Support...................................................... 23
12.2
Documentation Support ........................................ 23
12.3
Community Resources.......................................... 23
12.4
Trademarks ........................................................... 23
12.5
Electrostatic Discharge Caution ............................ 23
12.6
Glossary ................................................................ 23
13
Mechanical, Packaging, and Orderable
Information ........................................................... 23
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (March 2016) to Revision B
Page
•
Updated the constant value in Equation 3 in Adjustable Rise Time (CT) section................................................................ 15
Changes from Original (February 2016) to Revision A
Page
•
Changed device status from Product Preview to Production Data ........................................................................................ 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com