Electronic Components Datasheet Search
  English  ▼

X  

TPS22918DBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22918DBVT
Description  5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22918DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS22918DBVT Datasheet HTML 2Page - Texas Instruments TPS22918DBVT Datasheet HTML 3Page - Texas Instruments TPS22918DBVT Datasheet HTML 4Page - Texas Instruments TPS22918DBVT Datasheet HTML 5Page - Texas Instruments TPS22918DBVT Datasheet HTML 6Page - Texas Instruments TPS22918DBVT Datasheet HTML 7Page - Texas Instruments TPS22918DBVT Datasheet HTML 8Page - Texas Instruments TPS22918DBVT Datasheet HTML 9Page - Texas Instruments TPS22918DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
TPS22918
SLVSD76B – FEBRUARY 2016 – REVISED JUNE 2016
www.ti.com
Product Folder Links: TPS22918
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.6 Switching Characteristics
Refer to the timing test circuit in Figure 21 (unless otherwise noted) for references to external components used for the test
condition in the switching characteristics table. Switching characteristics shown below are only valid for the power-up
sequence where VIN is already in steady state condition before the ON pin is asserted high. VON = 5 V, TA = 25 °C, QOD =
Open.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN = 5 V
tON
Turn-on time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 1000 pF
1950
µs
tOFF
Turn-off time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 1000 pF
2
tR
VOUT rise time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 1000 pF
2540
tF
VOUT fall time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 1000 pF
2
tD
Delay time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 1000 pF
690
VIN = 3.3 V
tON
Turn-on time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 1000 pF
1430
µs
tOFF
Turn-off time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 1000 pF
2
tR
VOUT rise time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 1000 pF
1680
tF
VOUT fall time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 1000 pF
2
tD
Delay time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 1000 pF
590
VIN = 1.8 V
tON
Turn-on time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 1000 pF
965
µs
tOFF
Turn-off time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 1000 pF
2
tR
VOUT rise time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 1000 pF
960
tF
VOUT fall time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 1000 pF
2
tD
Delay time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 1000 pF
480
VIN = 1 V
tON
Turn-on time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 1000 pF
725
µs
tOFF
Turn-off time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 1000 pF
3
tR
VOUT rise time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 1000 pF
560
tF
VOUT fall time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 1000 pF
2
tD
Delay time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 1000 pF
430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com