Electronic Components Datasheet Search
  English  ▼

X  

TPS22918DBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22918DBVT
Description  5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22918DBVT Datasheet(HTML) 4 Page - Texas Instruments

  TPS22918DBVT Datasheet HTML 1Page - Texas Instruments TPS22918DBVT Datasheet HTML 2Page - Texas Instruments TPS22918DBVT Datasheet HTML 3Page - Texas Instruments TPS22918DBVT Datasheet HTML 4Page - Texas Instruments TPS22918DBVT Datasheet HTML 5Page - Texas Instruments TPS22918DBVT Datasheet HTML 6Page - Texas Instruments TPS22918DBVT Datasheet HTML 7Page - Texas Instruments TPS22918DBVT Datasheet HTML 8Page - Texas Instruments TPS22918DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
TPS22918
SLVSD76B – FEBRUARY 2016 – REVISED JUNE 2016
www.ti.com
Product Folder Links: TPS22918
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VIN
Input voltage
–0.3
6
V
VOUT
Output voltage
–0.3
6
V
VON
ON voltage
–0.3
6
V
IMAX
Maximum continuous switch current, ambient temperature = 70°C
2
A
IPLS
Maximum pulsed switch current, pulse < 300 µs, 2% duty cycle
2.5
A
TJ
Maximum junction temperature
125
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101 (2)
±1000
(1)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature [TA(max)] is dependent on the maximum operating junction temperature [TJ(MAX)], the
maximum power dissipation of the device in the application [PD(MAX)], and the junction-to-ambient thermal resistance of the part/package
in the application (θJA), as given by the following equation: TA(MAX) = TJ(MAX) – (θJA × PD(MAX)).
(2)
Refer to Application and Implementation section
6.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Input voltage
0
5.5
V
VON
ON voltage
0
5.5
V
VOUT
Output voltage
VIN
V
VIH, ON
High-level input voltage, ON
VIN = 1 V to 5.5 V
1
5.5
V
VIL, ON
Low-level input voltage, ON
VIN = 1 V to 5.5 V
0
0.5
V
TA
Operating free-air temperature(1)
–40
105
°C
CIN
Input Capacitor
1 (2)
µF
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC (1)
TPS22918
UNIT
DBV (SOT-23)
6 PINS
RθJA
Junction-to-ambient thermal resistance
183.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
151.6
°C/W
RθJB
Junction-to-board thermal resistance
34.1
°C/W
ψJT
Junction-to-top characterization parameter
37.2
°C/W
ψJB
Junction-to-board characterization parameter
33.6
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com