Electronic Components Datasheet Search
  English  ▼

X  

OPA111AM Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA111AM
Description  OPERATIONAL AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA111AM Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA111AM Datasheet HTML 6Page - Texas Instruments OPA111AM Datasheet HTML 7Page - Texas Instruments OPA111AM Datasheet HTML 8Page - Texas Instruments OPA111AM Datasheet HTML 9Page - Texas Instruments OPA111AM Datasheet HTML 10Page - Texas Instruments OPA111AM Datasheet HTML 11Page - Texas Instruments OPA111AM Datasheet HTML 12Page - Texas Instruments OPA111AM Datasheet HTML 13Page - Texas Instruments OPA111AM Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
OPA111
®
FIGURE 7. Zero-Bias Schottky Diode Square-Law RF
Detector.
X-Ray Tube
Collimator
X-Rays (Pencil Beam)
Light Rays
Scintillation Crystal
Pin Photodiode
OPA111
e
O = 50mV
6
3
2
100M
Ω
R
F
I
IN
500pA
e
O = –IIN RF
FIGURE 8. Computerized Axial Tomography (CAT) Scan-
ner Channel Amplifier.
FIGURE 9. High Impedance (1014
Ω) Amplifier.
FIGURE 10. Sensitive Photodiode Amplifier.
FIGURE 11. 60Hz Reject Filter.
FIGURE 12. Piezoelectric Transducer Charge Amplifier.
FIGURE 13. 0.6Hz Second-Order Low-Pass Filter.
OPA111
2
3
6
DC
Output
1000pF
10k
Ω
1M
Ω
e
O
100
Ω
H-P
HSCH-3486
RFC
–46dBm to
–20dBm
RF Input
Video bandwidth: DC to 50kHz
e
O ≈ 1200mVDC/µW
OPA111
6
3
2
500
Ω
9.5k
Ω
8
7
4
5
1
+15V
–15V
Guard
Offset Trim
100k
Ω
1VDC
Output
pH Probe
R
≈ 500MΩ
50mV Output
OPA111BM
2
3
Output
6
5.34M
Ω*
2.67M
Ω*
5.34M
Ω*
1000pF
500pF
500pF
Input
Offset voltage =
255µVDC maximum
with no offset adjust.
*For 50Hz use:
3.16M
Ω and 6.37MΩ
Q
2k
Ω
OPA111
2
3
8
6
Out
1µF
187.5k
Ω
375.1k
Ω
375.1k
Ω
In
1µF
F
C = 0.6Hz
–80dB at 60Hz
OPA111
2
3
Output
100pF
8
100pF
R
F
C
F
e
O
∆Q
Low frequency cutoff =
1/(2
π R
FCF) = 0.16Hz
6
1010
Ω
1010
Ω
e
O = –∆Q/CF
OPA111
2
3
6
Output
7
<1pF to prevent gain peaking.
1000M
Ω
1000M
Ω
8
+15V
0.1µF
0.1µF
–15V
4
0.01µF
Circuit must be well shielded.
Guard
H-P 5082-4204
Pin Photodiode
5 x 108V/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com