Electronic Components Datasheet Search
  English  ▼

X  

OPA111AM Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA111AM
Description  OPERATIONAL AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA111AM Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA111AM Datasheet HTML 6Page - Texas Instruments OPA111AM Datasheet HTML 7Page - Texas Instruments OPA111AM Datasheet HTML 8Page - Texas Instruments OPA111AM Datasheet HTML 9Page - Texas Instruments OPA111AM Datasheet HTML 10Page - Texas Instruments OPA111AM Datasheet HTML 11Page - Texas Instruments OPA111AM Datasheet HTML 12Page - Texas Instruments OPA111AM Datasheet HTML 13Page - Texas Instruments OPA111AM Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
®
OPA111
AV = –1010
eN = 1.9nV/√Hz typ* at 10kHz
BW = 30kHz typ
GBW = 30.3MHz typ
VOS = ±16µV typ*
∆V
OS/∆T = ±0.16µV/°C typ*
IB = 10pA max
ZIN ≈ 1012Ω || 30pF
* Theoretical performance achievable
from OPA111BM with uncorrelated
random distribution of parameters.
FIGURE 16. ‘N’ Stage Parallel-Input Amplifier for Reduced Relative Amplifier Noise at the Output.
FIGURE 14. RIAA Equalized Phono Preamplifier.
FIGURE 15. High Sensitivity (under 1nW) Fiber Optic
Receiver for 9600 Baud Manchester Data.
OPA111
2
3
6
<1pF to prevent peaking
200M
Ω
Pin Diode*
LM211
3
7
20k
Ω
0.1µF
1
10k
Ω
TTL
Output
+5VDC
Digital Common
Overload
≈ 0.1µW input
2
*Silicon Detector Corp.
SD-041-11-21-011
10k
Ω
10k
Ω
6
2
3
100
Ω
6
2
3
10k
Ω
6
2
3
10k
Ω
6
2
3
6
2
3
OPA111
OPA111
OPA111
OPA111
OPA111
6
2
3
OPA37
Output
N = 10 OPA111BM
Input
10k
Ω
100
Ω
10k
Ω
100
Ω
10k
Ω
100
Ω
10k
Ω
100
Ω
10k
Ω
10k
Ω
10k
Ω
OPA111
2
3
Output
0.03µF
R
T
C
T
10.5k
Ω
0.01µF
73.2k
Ω
1µF
365
Ω
0.01µF
6
100k
Ω
Input
365
Ω
G = 26dB
Midband



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com