Electronic Components Datasheet Search
  English  ▼

X  

OPA111AM Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA111AM
Description  OPERATIONAL AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA111AM Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA111AM Datasheet HTML 6Page - Texas Instruments OPA111AM Datasheet HTML 7Page - Texas Instruments OPA111AM Datasheet HTML 8Page - Texas Instruments OPA111AM Datasheet HTML 9Page - Texas Instruments OPA111AM Datasheet HTML 10Page - Texas Instruments OPA111AM Datasheet HTML 11Page - Texas Instruments OPA111AM Datasheet HTML 12Page - Texas Instruments OPA111AM Datasheet HTML 13Page - Texas Instruments OPA111AM Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
OPA111
®
FIGURE 17. FET Input Instrumentation Amplifier.
6
2
3
OPA111
OPA111
Burr-Brown
INA105
Differential Amplifier
25k
Ω
25k
Ω
25k
Ω
25k
Ω
Output
6
5
1
3
2
+In
6
3
2
R
F
5k
Ω
R
F
5k
Ω
–In
R
G
101
Ω
Differential Voltage Gain = 1 + 2R
F/RG
I
B = 1pA
Gain = 100
CMRR
≈ 106dB
R
IN = 10
13
Ω
FIGURE 18. Low-Droop Positive Peak Detector.
OPA111
2
3
6
Output
8
0.01µF
Polystyrene
IN914*
2N4117*
*Reverse polarity for
negative peak detection.
1M
Ω
10k
Ω
IN914*
≈10pF
3507J
2
3
6
8
30pF
Input
Droop
≈ 100µV/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com