Electronic Components Datasheet Search
  English  ▼

X  

DAC5571 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5571
Description  2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5571 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC5571 Datasheet HTML 5Page - Texas Instruments DAC5571 Datasheet HTML 6Page - Texas Instruments DAC5571 Datasheet HTML 7Page - Texas Instruments DAC5571 Datasheet HTML 8Page - Texas Instruments DAC5571 Datasheet HTML 9Page - Texas Instruments DAC5571 Datasheet HTML 10Page - Texas Instruments DAC5571 Datasheet HTML 11Page - Texas Instruments DAC5571 Datasheet HTML 12Page - Texas Instruments DAC5571 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
www.ti.com
Time (1 s/div)
CLK (5V/div)
V
OUT (1V/div)
Full−Scale Code Change
FF
H to 00H
Output Loaded with
2k
and 200pF to GND
Ω
µ
Time (1 s/div)
CLK (5V/div)
V
OUT (1V/div)
Half−Scale Code Change
40
H to C0H
Output Loaded with
2 k
and 200 pF to GND
Ω
µ
T ime (
s/d iv )
C LK (5 V /div)
V
O U T (1 V /d iv )
H alf−S ca le C o de C ha nge
C 0
H to 40 H
O utpu t Lo ad ed w ith
2k
Ω and 200pF to GND
1m
1
µ
Time (20
µs/div)
Loaded with 2k
Ω to V
DD.
V
DD (1V/div)
V
OUT (1V/div)
Tim e (0 .5 s/div )
Loa ded w ith 2 k
and 2 00p F to G N D .
C od e C ha nge :
80
H t o 7 FH
Ω
µ
Time (5
µs/div)
CLK (5V/div)
V
OUT (1V/div)
DAC5571
SLAS405 – DECEMBER 2003
TYPICAL CHARACTERISTICS: V
DD = +5 V (continued)
At T
A = +25°C, +VDD = +5 V, unless otherwise noted.
FULL-SCALE SETTLING TIME
HALF-SCALE SETTLING TIME
Figure 15.
Figure 16.
HALF-SCALE SETTLING TIME
POWER-ON RESET TO 0V
Figure 17.
Figure 18.
EXITING POWER DOWN
(80HLoaded)
CODE CHANGE GLITCH
Figure 19.
Figure 20.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com