Electronic Components Datasheet Search
  English  ▼

X  

DAC5571 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5571
Description  2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5571 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC5571 Datasheet HTML 10Page - Texas Instruments DAC5571 Datasheet HTML 11Page - Texas Instruments DAC5571 Datasheet HTML 12Page - Texas Instruments DAC5571 Datasheet HTML 13Page - Texas Instruments DAC5571 Datasheet HTML 14Page - Texas Instruments DAC5571 Datasheet HTML 15Page - Texas Instruments DAC5571 Datasheet HTML 16Page - Texas Instruments DAC5571 Datasheet HTML 17Page - Texas Instruments DAC5571 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
www.ti.com
F/S-Mode Protocol
HS-Mode Protocol
Start
Condition
SDA
Stop
Condition
SDA
SCL
S
P
SCL
DAC5571
SLAS405 – DECEMBER 2003
THEORY OF OPERATION (continued)
The DAC5571 works as a slave and supports the following data transfer modes, as defined in the I
2C-Bus
Specification: standard mode (100 kbps), fast mode (400 kbps), and high-speed mode (3.4 Mbps). The data
transfer protocol for standard and fast modes is exactly the same; therefore, they are referred to as F/S-mode in
this document. The protocol for high-speed mode is different from the F/S-mode, and it is referred to as
HS-mode. The DAC5571 supports 7-bit addressing; 10-bit addressing and general call address are not
supported.
•
The master initiates data transfer by generating a start condition. The start condition is when a high-to-low
transition occurs on the SDA line while SCL is high, as shown in Figure 41. All I
2C-compatible devices should
recognize a start condition.
•
The master then generates the SCL pulses and transmits the 7-bit address and the read/write direction bit
R/W on the SDA line. During all transmissions, the master ensures that data is valid. A valid data condition
requires the SDA line to be stable during the entire high period of the clock pulse (see Figure 42). All devices
recognize the address sent by the master and compare it to their internal fixed addresses. Only the slave
device with a matching address generates an acknowledge (see Figure 43) by pulling the SDA line low
during the entire high period of the ninth SCL cycle. On detecting this acknowledge, the master knows that a
communication link with a slave has been established.
•
The master generates further SCL cycles to either transmit data to the slave (R/W bit 1) or receive data from
the slave (R/W bit 0). In either case, the receiver needs to acknowledge the data sent by the transmitter. So
an acknowledge signal can either be generated by the master or by the slave, depending on which one is the
receiver. The 9-bit valid data sequences consisting of 8-bit data and 1-bit acknowledge can continue as long
as necessary.
•
To signal the end of the data transfer, the master generates a stop condition by pulling the SDA line from low
to high while the SCL line is high (see Figure 41). This releases the bus and stops the communication link
with the addressed slave. All I2C compatible devices must recognize the stop condition. On the receipt of a
stop condition, all devices know that the bus is released, and they wait for a start condition followed by a
matching address.
•
When the bus is idle, both SDA and SCL lines are pulled high by the pullup devices.
•
The master generates a start condition followed by a valid serial byte containing HS master code 00001XXX.
This transmission is made in F/S-mode at no more than 400 Kbps. No device is allowed to acknowledge the
HS master code, but all devices must recognize it and switch their internal setting to support 3.4 Mbps
operation.
•
The master then generates a repeated start condition (a repeated start condition has the same timing as the
start condition). After this repeated start condition, the protocol is the same as F/S-mode, except that
transmission speeds up to 3.4 Mbps are allowed. A stop condition ends the HS-mode and switches all the
internal settings of the slave devices to support the F/S-mode. Instead of using a stop condition, repeated
start conditions should be used to secure the bus in HS-mode.
Figure 41. START and STOP Conditions
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com