Electronic Components Datasheet Search
  English  ▼

X  

DAC5571 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5571
Description  2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5571 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC5571 Datasheet HTML 7Page - Texas Instruments DAC5571 Datasheet HTML 8Page - Texas Instruments DAC5571 Datasheet HTML 9Page - Texas Instruments DAC5571 Datasheet HTML 10Page - Texas Instruments DAC5571 Datasheet HTML 11Page - Texas Instruments DAC5571 Datasheet HTML 12Page - Texas Instruments DAC5571 Datasheet HTML 13Page - Texas Instruments DAC5571 Datasheet HTML 14Page - Texas Instruments DAC5571 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
www.ti.com
0
500
1000
1500
2000
2500
VDD = 2.7 V
IDD − Supply Current − mA
0
I
S O U R C E /S IN K ( m A )
5
1 0
1 5
3
2
1
0
D A C Lo ad ed w ith F F
H
D A C Lo ade d w ith 00
H
V
D D = + 3V
0
100
200
300
400
500
0
2
32
64
96
128
160
192
224
252
255
VDD = 2.7 V
Code
0
50
100
150
200
250
300
−50
−30
−10
10
30
50
70
90
110
VDD = 2.7 V
T − Temperature − _C
Time (1 s/d iv )
C LK (2.7V /div )
V
O U T (1 V /d iv )
F ull−S c ale C o de C h an ge
00
H to F F H
O utpu t L oad ed w ith
2 k
an d 200 pF to G N D
Ω
µ
0
V
LOGIC (V)
1
2
3
4
5
2500
2000
1500
1000
500
0
DAC5571
SLAS405 – DECEMBER 2003
TYPICAL CHARACTERISTICS: V
DD = +2.7 V (continued)
At T
A = +25°C, +VDD = +2.7 V, unless otherwise noted.
IDD HISTOGRAM
SOURCE AND SINK CURRENT CAPABILITY
Figure 27.
Figure 28.
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
CODE
TEMPERATURE
Figure 29.
Figure 30.
SUPPLY CURRENT
vs
LOGIC INPUT VOLTAGE
FULL SCALE SETTLING TIME
Figure 31.
Figure 32.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com