Electronic Components Datasheet Search
  English  ▼

X  

DS8935 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8935
Description  LocalTalk??Dual Driver/Triple Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8935 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS8935 Datasheet HTML 1Page - National Semiconductor (TI) DS8935 Datasheet HTML 2Page - National Semiconductor (TI) DS8935 Datasheet HTML 3Page - National Semiconductor (TI) DS8935 Datasheet HTML 4Page - National Semiconductor (TI) DS8935 Datasheet HTML 5Page - National Semiconductor (TI) DS8935 Datasheet HTML 6Page - National Semiconductor (TI) DS8935 Datasheet HTML 7Page - National Semiconductor (TI) DS8935 Datasheet HTML 8Page - National Semiconductor (TI) DS8935 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Electrical Characteristics (Notes 2, 3) (Continued)
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified
Symbol
Parameter
Conditions
Pin
Min
Typ
Max
Units
RECEIVER CHARACTERISTICS
V
TH
Input Threshold
−7V
≤ V
CM ≤ +7V
R
IN+,
R
IN−
−200
±35
+200
mV
V
HY
Hysteresis
V
CM = 0V
70
mV
R
IN
Input Resistance
−10V
≤ V
CM ≤ +10V
6.0
8.5
k
Ω
I
IN
Input Current (Other Input = 0V,
V
IN = +10V
3.25
mA
Power On, or V
CC = VEE = 0V)
V
IN = +3V
0
1.50
mA
V
IN = −3V
0
−1.50
mA
V
IN = −10V
−3.25
mA
V
IB
Input Balance Test
R
S = 500Ω (R2 only)
±400
mV
V
OH
High Level Output Voltage
I
OH = −400 µA,
R
OUT
2.7
4.2
V
V
IN = +200 mV
I
OH = −400 µA, VIN = OPEN
2.7
4.2
V
V
OL
Low Level Output Voltage
I
OL = 8.0 mA, VIN = −200 mV
0.3
0.5
V
I
OSR
Short Circuit Current
V
O = 0V
−15
−34
−85
mA
I
OZR
TRI-STATE Output Current
V
CC = Max
V
O = 2.4V
0
+20
µA
V
O = 0.4V
0
−20
µA
DEVICE CHARACTERISTICS
V
IH
High Level Input Voltage
D
IN,
D
EN1,
RE,
RE
2.0
V
V
IL
Low Level Input Voltage
0.8
V
I
IH
High Level Input Current
V
IN = 2.4V
1
40
µA
I
IL
Low Level Input Current
V
IN = 0.4V
−10
−200
µA
V
CL
Input Clamp Voltage
I
IN = −12 mA
−1.5
V
I
CC
Power Supply Current
No Load
D1 Enabled or Disabled
V
CC
40
65
mA
I
EE
V
EE
−5
−15
mA
Switching Characteristics (Notes 4, 5)
Over Supply Voltage and Operating Temperature Ranges, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DIFFERENTIAL DRIVER CHARACTERISTICS
t
PHLD
Differential Propagation Delay High to Low
R
L = 100Ω,CL = 500 pF,
(
Figures 3, 4)
C
1 = C2 = 50 pF
70
134
350
ns
t
PLHD
Differential Propagation Delay Low to High
70
141
350
ns
t
SKD
Differential Skew |t
PHLD −tPLHD|
7
50
ns
t
r
Rise Time
50
140
300
ns
t
f
Fall Time
50
140
300
ns
t
PHZ
Disable Time High to Z
R
L = 100Ω,CL = 500 pF
(
Figures 7, 8)
300
600
ns
t
PLZ
Disable Time Low to Z
300
600
ns
t
PZH
Enable Time Z to High
160
350
ns
t
PZL
Enable Time Z to Low
160
350
ns
SINGLE ENDED DRIVER CHARACTERISTICS
t
PHL
Propagation Delay High to Low
R
L = 450Ω,CL = 500 pF
(
Figures 5, 6)
70
120
350
ns
t
PLH
Propagation Delay Low to High
70
150
350
ns
t
SK
Skew, |t
PHL −tPLH
30
70
ns
t
r
Rise Time
50
100
300
ns
t
f
Fall Time
20
50
300
ns
RECEIVER CHARACTERISTICS
t
PHL
Propagation Delay High to Low
C
L = 15 pF
(
Figures 9, 10)
10
33
75
ns
t
PLH
Propagation Delay Low to High
10
30
75
ns
t
SK
Skew, |t
PHL −tPLH|
320
ns
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com