Electronic Components Datasheet Search
  English  ▼

X  

DS8935 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8935
Description  LocalTalk??Dual Driver/Triple Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8935 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS8935 Datasheet HTML 1Page - National Semiconductor (TI) DS8935 Datasheet HTML 2Page - National Semiconductor (TI) DS8935 Datasheet HTML 3Page - National Semiconductor (TI) DS8935 Datasheet HTML 4Page - National Semiconductor (TI) DS8935 Datasheet HTML 5Page - National Semiconductor (TI) DS8935 Datasheet HTML 6Page - National Semiconductor (TI) DS8935 Datasheet HTML 7Page - National Semiconductor (TI) DS8935 Datasheet HTML 8Page - National Semiconductor (TI) DS8935 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Switching Characteristics (Notes 4, 5) (Continued)
Over Supply Voltage and Operating Temperature Ranges, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RECEIVER CHARACTERISTICS
t
HZ
Disable Time High to Z
C
L = 15 pF
(
Figures 9, 11)
20
75
ns
t
LZ
Disable Time Low to Z
20
75
ns
t
ZH
Enable Time Z to High
20
75
ns
t
ZL
Enable Time Z to Low
20
75
ns
Note 1: Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of Electrical Characteristics specifies conditions of device operation.
Note 2: Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground except VOD,VOD1,
VOD2, and VSS.
Note 3: All typicals are given for: VCC = +5.0V, VEE = −5.0V, TA = +25˚C unless otherwise specified.
Truth Tables
Driver (D1)
Inputs
Outputs
D
EN1
D
IN1
D
OUT1+DOUT1−
HX
Z
Z
LL
L
H
LH
H
L
Receiver (1)
RE
RE
Input
Output
R
IN1−ROUT1
01
X
Z
Any Other
≤−200 mV
H
Combination
≥+200 mV
L
Open
†
H
Driver (D2)
Input
Output
D
IN2
D
OUT2−
LH
HL
Receiver (2)
RE
RE
Inputs
Output
R
IN2+– RIN2−ROUT2
01
X
Z
Any Other
≤−200 mV
L
Combination
≥+200 mV
H
Open
†
H
Receiver (3)
RE
RE
Input
Output
R
IN3+ROUT3
01
X
Z
Any Other
≤−200 mV
L
Combination
≥+200 mV
H
Open
†
H
H = Logic High Level (Steady State)
L = Logic Low Level (Steady State)
X = Irrelevant (Any Input)
Z = Off State (TRI-STATE, High Impedance)
†OPEN = Non-Terminated
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com