Electronic Components Datasheet Search
  English  ▼

X  

DS8935 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8935
Description  LocalTalk??Dual Driver/Triple Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8935 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button DS8935 Datasheet HTML 4Page - National Semiconductor (TI) DS8935 Datasheet HTML 5Page - National Semiconductor (TI) DS8935 Datasheet HTML 6Page - National Semiconductor (TI) DS8935 Datasheet HTML 7Page - National Semiconductor (TI) DS8935 Datasheet HTML 8Page - National Semiconductor (TI) DS8935 Datasheet HTML 9Page - National Semiconductor (TI) DS8935 Datasheet HTML 10Page - National Semiconductor (TI) DS8935 Datasheet HTML 11Page - National Semiconductor (TI) DS8935 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Typical Application Information
(Continued)
UNUSED PINS
Unused driver outputs should be left open. If tied to either
ground or supply, the driver may enter an I
OS state and con-
sume excessive power. Unused driver inputs should not be
left floating as this may lead to unwanted switching which
may affect I
CC, particularly the frequency component. Un-
used driver inputs should be tied to ground.
Receiver outputs will be in a HIGH state when inputs are
open; therefore, outputs should not be tied to ground. It is
best to leave unused receiver outputs floating.
RECEIVER FAILSAFE
All three receivers on this device incorporate open input fail-
safe protection. The differential receiver output will be in a
HIGH state when inputs are open, but will be indetermined if
inputs are shorted together. Unused differential inputs
should be left floating.
Both single-ended receivers (inverting and non-inverting) are
biased internally so that an open input will result in a HIGH
output. Therefore, these inputs should not be shorted to
ground when unused.
BYPASS CAPACITORS
Bypass capacitors are recommended for both V
CC and VEE.
Noise induced on the supply lines can affect the signal qual-
ity of the output; V
CC affects the VOH and VEE affects the
V
OL. Capacitors help reduce the effect on signal quality. A
value of 0.1 µF is typically used.
Since this is a power device, it is recommended to use a by-
pass capacitor for each supply and for each device. Sharing
a bypass capacitor between other devices may not be suffi-
cient.
TERMINATION
On a multi-point transmission line which is electrically long, it
is advisable to terminate the line at both ends with its charac-
teristic impedance to prevent signal reflection and its associ-
ated noise/crosstalk.
A 100
Ω termination resistor is commonly specified by TIA/
EIA-422 for differential signals. The DS8935 is also specified
using 140
Ω termination which will result in less power asso-
ciated with the driver output. The additional resistance is
typical of applications requiring EMI filtering on the driver
outputs.
TWO-WIRE LocalTalk
The DS8935 is a single chip solution for a LocalTalk inter-
face. A typical application is shown in
Figure 12.
An alternative implementation of LocalTalk is to only use two
wires to communicate. The differential data lines can be
transformer-coupled on to a twisted pair medium. See
Figure
14 . The handshake function must then be accomplished in
software.
SINGLE +5V SUPPLY
The DS8935 is derived from the DS3691/92 which could be
configured using a single +5V supply (V
EE = 0V). This device
is not specified for this type of operation. However, the de-
vice will not be damaged if operated using a single +5V sup-
ply.
Both drivers require the −5V supply in order to meet the out-
put voltage levels specified. When the device switches from
a positive voltage to the complimentary state, it is pulled to-
ward the V
EElevel. If that level is 0V, then the complimentary
state will be near 0V instead of V
EE. Thus, the output would
switch from about 4V to 0V, instead of 4V to −4V. The differ-
ential driver will meet TIA/EIA-422, but with a reduced noise
margin. The single-ended driver will not meet TIA/EIA-423
without the −5V supply.
The receivers will be functional but may suffer parametri-
cally. The inverting receiver is referenced to V
EE therefore,
the threshold may shift slightly. The inputs can still vary over
the ±10V common mode range.
DS012066-17
FIGURE 14. Differential Communication, Transformer-Coupled to a Twisted-Pair Line
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com