Electronic Components Datasheet Search
  English  ▼

X  

OPA360 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA360
Description  3V Video Amplifier with 6dB Gain and Filter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA360 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA360 Datasheet HTML 2Page - Texas Instruments OPA360 Datasheet HTML 3Page - Texas Instruments OPA360 Datasheet HTML 4Page - Texas Instruments OPA360 Datasheet HTML 5Page - Texas Instruments OPA360 Datasheet HTML 6Page - Texas Instruments OPA360 Datasheet HTML 7Page - Texas Instruments OPA360 Datasheet HTML 8Page - Texas Instruments OPA360 Datasheet HTML 9Page - Texas Instruments OPA360 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
OPA360
SB0S294E − DECEMBER 2003 − REVISED SEPTEMBER 2006
www.ti.com
6
APPLICATIONS INFORMATION
The OPA360 video amplifier has been optimized for
portable video applications:
D Internal gain setting resistors (G = 2) reduce the
number of external components needed in the
video circuit.
D A 2-pole filter is incorporated for DAC signal
reconstruction.
D The sag correction function reduces the size of the
output coupling capacitors without compromising
performance.
D OPA360 employs an internal level shift circuit that
avoids sync pulse clipping and allows DC-coupled
output.
D A shutdown feature reduces quiescent current to
less than 5
µA—crucial for portable applications
such as digital still cameras (DSCs) and camera
phones.
The OPA360 interfaces to digital media processors
(DM320/270, DSC25). It has been optimized for the
requirements
of
digital
still
cameras
and
cell
phone/camera designs.
OPERATING VOLTAGE
The OPA360 is fully specified from 2.7V to 3.3V over a
temperature range of −40
°C to +85°C. Parameters that
vary significantly with operating voltages or temperature
are shown in the Typical Characteristics.
Power-supply pins should be bypassed with 100nF
ceramic capacitors.
INPUT VOLTAGE
The input common-mode range of the OPA360 series
extends from GND to (V+) − 1.5V. Because of the internal
gain, the input voltage range necessary for an output in the
valid range will be limited.
INPUT OVERVOLTAGE PROTECTION
All OPA360 pins are static-protected with internal ESD
protection diodes connected to the supplies. These diodes
will provide input overdrive protection if the current is
externally limited to 10mA
ENABLE/SHUTDOWN
The OPA360 has a shutdown feature that disables the
output and reduces the quiescent current to less than 5
µA.
This feature is especially useful for portable video
applications such as digital still cameras and camera
phones, where the equipment is infrequently connected to
a TV or other video device.
The Enable logic input voltage is referenced to the
OPA360 GND pin. A logic level HIGH applied to the enable
pin enables the op amp. A valid logic HIGH is defined as
≥ 1.6V above GND. A valid logic LOW is defined as ≤ 0.8V
above GND. If the Enable pin is not connected, internal
pull-up
circuitry will
enable the amplifier. Enable pin
voltage levels are tested for a valid logic HIGH threshold
of 1.6V minimum and a valid logic LOW threshold of 0.8V
maximum.
INTERNAL 2-POLE FILTER
The OPA360 filter is a Sallen-Key topology with a 9MHz
cutoff frequency. This allows the video signals to pass
without any visible distortion, as shown in Figure 3 through
Figure 5. The video DACs embedded in TI’s Digital Media
Processors over-sample at 27MHz. At this frequency, the
attenuation is typically 21dB, which effectively attenuates
the sampling aliases.
The filter characteristics vary somewhat with signal source
impedance. A source impedance greater than 500
Ω can
degrade filter performance. With current-output video
DACs, a resistor to GND is often used to create a voltage
output which is then applied to the OPA360 input (see
Figure 1). TI’s Digital Media Processors, such as the
DM270 or DM320, typically use a 200
Ω resistor to GND to
convert the current output signal. This 200
Ω source
impedance does not degrade video performance.
12pF
650
Ω
NOTE: (1) Optional.
325
Ω
1.4k
Ω
1.1k
Ω
528
Ω
845
Ω
V
O
R
SAG
OPA360
(1)
()
10pF
75
Ω
75
Ω
Television
Figure 1. Filter Structure of OPA360



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com