Electronic Components Datasheet Search
  English  ▼

X  

OPA360 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA360
Description  3V Video Amplifier with 6dB Gain and Filter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA360 Datasheet(HTML) 1 Page - Texas Instruments

  OPA360 Datasheet HTML 1Page - Texas Instruments OPA360 Datasheet HTML 2Page - Texas Instruments OPA360 Datasheet HTML 3Page - Texas Instruments OPA360 Datasheet HTML 4Page - Texas Instruments OPA360 Datasheet HTML 5Page - Texas Instruments OPA360 Datasheet HTML 6Page - Texas Instruments OPA360 Datasheet HTML 7Page - Texas Instruments OPA360 Datasheet HTML 8Page - Texas Instruments OPA360 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
FEATURES
D EXCELLENT VIDEO PERFORMANCE
D INTERNAL GAIN: 6dB
D 2-POLE RECONSTRUCTION FILTER
D SAG CORRECTION
− Reduces Coupling Capacitor Size
D INPUT RANGE INCLUDES GROUND
− DC-Coupled Input
D INTEGRATED LEVEL SHIFTER
− DC-Coupled Output(1)
− No Output Capacitors Needed
D RAIL-TO-RAIL OUTPUT
D LOW QUIESCENT CURRENT: 6mA
D SHUTDOWN CURRENT: 5mA (max)
D SINGLE-SUPPLY: 2.7V to 3.3V
D SC70-6 PACKAGE: 2.0mm x 2.1mm
(1) Internal circuitry prevents the output from saturating, even with 0V sync
tip level at the input video signal.
APPLICATIONS
D DIGITAL CAMERAS
D CAMERA PHONES
D SET-TOP-BOX VIDEO FILTERS
RELATED LOW VOLTAGE VIDEO AMPS
FEATURES
PRODUCT
2.7V to 5.5V, 200MHz GBW, 300V/
µs, 6µA Sleep, SOT23
OPA355
2.7V to 5.5V, RRIO, 150V/
µs, 5mA IQ, 6µA Sleep, SOT23
OPA357
2.7V to 3.3V, SC70, 80MHz, 7.5mA IQ, 5µA Sleep
OPA358
2.5V to 3.3V, SC70, Filter, G = 5.2V/V, 3
µA Sleep
OPA361
DESCRIPTION
The OPA360 high-speed amplifier is optimized for 3V
portable video applications. It has been specifically
designed
to
be
compatible
with
digital-to-analog
converters (DACs) embedded in video processors, such
as Texas Instruments’ family of Digital Media Processors
and others. The input common-mode range includes
GND, which allows the Video-DAC to be DC-coupled to
the OPA360.
The output swings within 25mV of GND and 300mV to V+
with a standard back-terminated video load (150
Ω). An
internal level shift circuit prevents the output from
saturating with 0V input, thus preventing sync-pulse
clipping in common video circuits. Therefore, the OPA360
is ideally suited for DC-coupling to the video load. If
AC-coupling
is
preferred,
the
OPA360
offers
a
sag-correction feature that significantly reduces the size of
the output coupling capacitor.
The OPA360 has been optimized for space-sensitive
applications by integrating sag-correction, internal gain
setting resistors (G = 2), and a 2-pole video-DAC
reconstruction filter.
In shutdown mode, the quiescent current is reduced to
< 5
µA, dramatically reducing power consumption and
prolonging battery life.
The OPA360 is available in the tiny 2mm x 2.1mm SC70-6
package.
GND
Level
Shifter
V
O
6dB
2−Pole
Filter
V+
V+=2.7V
to 3.3V
SAG
OPA360
V
IN
ENABLE
Enable
All trademarks are the property of their respective owners.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
OPA360
SB0S294E − DECEMBER 2003 − REVISED SEPTEMBER 2006
3V Video Amplifier
with 6dB Gain and Filter in SC70
www.ti.com
Copyright
 2003−2006, Texas Instruments Incorporated


Similar Part No. - OPA360

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA360 BURR-BROWN-OPA360 Datasheet
329Kb / 15P
3V Video Amplifier with 6dB Gain and Filter in SC70
logo
Texas Instruments
OPA360 TI2-OPA360 Datasheet
978Kb / 18P
3V Single-Supply 80MHz High-Speed Op Amp in SC70
REVISED FEBRUARY 2005
OPA360 TI2-OPA360 Datasheet
981Kb / 19P
3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
REVISED JANUARY 2006
OPA360 TI2-OPA360 Datasheet
982Kb / 19P
3V Single-Supply 80MHz High-Speed Op Amp in SC70
REVISED FEBRUARY 2005
logo
Burr-Brown (TI)
OPA360AIDCKR BURR-BROWN-OPA360AIDCKR Datasheet
329Kb / 15P
3V Video Amplifier with 6dB Gain and Filter in SC70
More results

Similar Description - OPA360

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA360 BURR-BROWN-OPA360 Datasheet
329Kb / 15P
3V Video Amplifier with 6dB Gain and Filter in SC70
logo
Maxim Integrated Produc...
MAX9680 MAXIM-MAX9680 Datasheet
1Mb / 8P
3V Video Amplifier with Internal Gain and Filter in SC70
Rev 0; 9/09
logo
Texas Instruments
OPA362 TI-OPA362 Datasheet
708Kb / 18P
3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
logo
Maxim Integrated Produc...
MAX9680 MAXIM-MAX9680_10 Datasheet
1Mb / 9P
3V Video Amplifier with Internal Gain and Filter in SC70
Rev 1; 12/10
logo
Texas Instruments
OPA361-Q1 TI1-OPA361-Q1 Datasheet
533Kb / 18P
3V Video Amplifier with Internal Gain and Filter in SC70
OPA361AIDCKT TI-OPA361AIDCKT Datasheet
632Kb / 17P
3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
OPA361AIDCKTG4 TI-OPA361AIDCKTG4 Datasheet
632Kb / 17P
3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
OPA361AIDCKR TI-OPA361AIDCKR Datasheet
618Kb / 17P
3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
logo
SG Micro Corp
SGM9111 SGMICRO-SGM9111_15 Datasheet
283Kb / 11P
Video Driver with 6dB Gain
SGM9114 SGMICRO-SGM9114 Datasheet
319Kb / 11P
Video Driver with 6dB Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com