Electronic Components Datasheet Search
  English  ▼

X  

OPA360 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA360
Description  3V Video Amplifier with 6dB Gain and Filter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA360 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA360 Datasheet HTML 7Page - Texas Instruments OPA360 Datasheet HTML 8Page - Texas Instruments OPA360 Datasheet HTML 9Page - Texas Instruments OPA360 Datasheet HTML 10Page - Texas Instruments OPA360 Datasheet HTML 11Page - Texas Instruments OPA360 Datasheet HTML 12Page - Texas Instruments OPA360 Datasheet HTML 13Page - Texas Instruments OPA360 Datasheet HTML 14Page - Texas Instruments OPA360 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
OPA360
SB0S294E − DECEMBER 2003 − REVISED SEPTEMBER 2006
www.ti.com
11
SUPPLY VOLTAGE vs COUPLING CAPACITOR
The output voltage swing is a function of the coupling
capacitor value. The value of the sag correction capacitor
has only a minor influence. The smaller the coupling
capacitor, the greater the output swing. Therefore, to
accommodate the large signal swing with very small
coupling capacitors (22
µF and 33µF), a higher supply
voltage might be needed.
Figure 12. Output Swing with 47
mF on 3V Supply
As seen in Figure 7, the output swing with a 33
µF coupling
capacitor is already very close to the saturation limit on a
3V supply. Over time and temperature, a capacitor might
change its value slightly, which in turn could force the
output into saturation. Using the 50Hz, 1/2 black
1/2
white screen test signal as a worst-case analysis,
Figure 12 and Figure 13 demonstrate that a 3V supply
could be used with a coupling capacitor as low as 47
µF.
Figure 13. Output Swing with 67
mF on 3V Supply
C
OUT
47
µF
R
OUT
75
Ω
GND
75
Ω
+
+
OUT
Enable
2−Pole
Filter
(1)
SAG
C
SAG
22
µF
AC Gain = 2
DC Gain = 2.8
Television
or VCR
OPA360
Video
DAC
NOTE: (1) Optional 200
Ωfor use with TI’s Digital Media Processors.
Level
Shifter
V+
V+ = 2.7V to 3.3V
ENABLE
Figure 14. DC-Coupled Input/AC-Coupled Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com