Electronic Components Datasheet Search
  English  ▼

X  

OPA569 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA569
Description  Rail-to-Rail I/O, 2A POWER AMPLIFIER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA569 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA569 Datasheet HTML 6Page - Texas Instruments OPA569 Datasheet HTML 7Page - Texas Instruments OPA569 Datasheet HTML 8Page - Texas Instruments OPA569 Datasheet HTML 9Page - Texas Instruments OPA569 Datasheet HTML 10Page - Texas Instruments OPA569 Datasheet HTML 11Page - Texas Instruments OPA569 Datasheet HTML 12Page - Texas Instruments OPA569 Datasheet HTML 13Page - Texas Instruments OPA569 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
OPA569
SBOS264A
10
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = +5V, unless otherwise noted.
DISABLE
(10
Ω Load)
200ns/div
Enable/Disable 0.8 to 2.5V
Above Negative Supply
Output Driven to +2V
DISABLE
(1
Ω Load)
200ns/div
Enable/Disable 0.8 to 2.5V
Above Negative Supply
Output Driven
to +2V
POWER ON
(1
Ω Load)
1ms/div
Output Driven to +2V
Supply 0V to 5V
POWER OFF
(1
Ω Load)
1ms/div
Output Driven to +2V
Supply 5V to 0V
IN AND OUT OF CURRENT LIMIT TRANSIENT
(R
L = 0.75Ω, Current Limit = 2A)
200
µs/div
IN AND OUT OF CURRENT LIMIT TRANSIENT
(R
L = 7.5Ω, Current Limit = 200mA)
200
µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com