Electronic Components Datasheet Search
  English  ▼

X  

ACS730 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # ACS730
Description  1 MHz Bandwidth, Galvanically Isolated Current Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS730 Datasheet(HTML) 5 Page - Allegro MicroSystems

  ACS730 Datasheet HTML 1Page - Allegro MicroSystems ACS730 Datasheet HTML 2Page - Allegro MicroSystems ACS730 Datasheet HTML 3Page - Allegro MicroSystems ACS730 Datasheet HTML 4Page - Allegro MicroSystems ACS730 Datasheet HTML 5Page - Allegro MicroSystems ACS730 Datasheet HTML 6Page - Allegro MicroSystems ACS730 Datasheet HTML 7Page - Allegro MicroSystems ACS730 Datasheet HTML 8Page - Allegro MicroSystems ACS730 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
1 MHz Bandwidth, Galvanically Isolated Current Sensor IC
in Small Footprint SOIC8 Package
ACS730
5
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
xKLCTR-20AB PERFORMANCE CHARACTERISTICS
: Valid over full range of TA, VCC= 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.1
Max.
Unit
NOMINAL PERFORMANCE
Current Sensing Range
IPR
–20
–
20
A
Sensitivity
Sens
–
100
–
mV/A
Zero Current Output Voltage
VIOUT(Q)
IP = 0 A, TA = 25°C
–
2.5
–
V
ACCURACY PERFORMANCE
Total Output Error2
ETOT
IP = 20 A; TA = 25°C to 125°C
–4
±3
4
%
IP = 20 A; TA = –40°C to 25°C
–
±4
–
%
Sensitivity Error
Esens
IP = 20 A; TA = 25°C to 125°C
–2.5
±1.5
2.5
%
IP = 20 A; TA = –40°C to 25°C
–
±4
–
%
Offset Voltage
VOE
IP = 0 A; TA = 25°C to 125°C
–75
±50
75
mV
IP = 0 A; TA = –40°C to 25°C
–
±50
–
mV
Nonlinearity
ELIN
IP within IPOA, TA = 25°C to 125°C
–2
±0.75
2
%
IP within IPOA, TA = –40°C to 25°C
–
±0.75
–
%
LIFETIME DRIFT CHARACTERISTICS
Total Output Error Lifetime Drift
Etot_drift
IP = 20 A
–
±1.5
–
%
Sensitivity Error Lifetime Drift
Esens_drift IP = 20 A
–
±1
–
%
Offset Voltage Lifetime Drift
Voff_drift
IP = 0 A
–
±20
–
mV
1
Typical values with ± are 3 sigma values, except for Lifetime Drift which are mean values.
2
Percentage of IP, output filtered.
xKLCTR-40AB PERFORMANCE CHARACTERISTICS
: Valid over full range of TA, VCC= 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.1
Max.
Unit
NOMINAL PERFORMANCE
Current Sensing Range
IPR
–40
–
40
A
Sensitivity
Sens
–
50
–
mV/A
Zero Current Output Voltage
VIOUT(Q)
IP = 0 A, TA = 25°C
–
2.5
–
V
ACCURACY PERFORMANCE
Total Output Error2
ETOT
IP = 20 A; TA = 25°C to 125°C
–4
±3
4
%
IP = 20 A; TA = –40°C to 25°C
–
±4.5
–
%
IP = 40 A; TA = 25°C to 125°C
–5
±3
5
%
IP = 40 A; TA = –40°C to 25°C
–
±5
–
%
Sensitivity Error
Esens
IP = 20 A; TA = 25°C to 125°C
–2.5
±2
2.5
%
IP = 20 A; TA = –40°C to 25°C
–
±3.5
–
%
IP = 40 A; TA = 25°C to 125°C
–3.5
±2.5
3.5
%
IP = 40 A; TA = –40°C to 25°C
–
±5
–
%
Offset Voltage
VOE
IP = 0 A; TA = 25°C to 125°C
–40
±20
40
mV
IP = 0 A; TA = –40°C to 25°C
–
±30
–
mV
Nonlinearity
ELIN
IP within IPOA, TA = 25°C to 125°C
–2
±0.75
2
%
IP within IPOA, TA = –40°C to 25°C
–
±0.75
–
%
LIFETIME DRIFT CHARACTERISTICS
Total Output Error Lifetime Drift
Etot_drift
IP = 40 A
–
±1.5
–
%
Sensitivity Error Lifetime Drift
Esens_drift IP = 20 A
–
±1
–
%
Offset Voltage Lifetime Drift
Voff_drift
IP = 0 A
–
±20
–
mV
1
Typical values with ± are 3 sigma values, except for Lifetime Drift which are mean values.
2
Percentage of IP, output filtered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com