Electronic Components Datasheet Search
  English  ▼

X  

ACS730 Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # ACS730
Description  1 MHz Bandwidth, Galvanically Isolated Current Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS730 Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button ACS730 Datasheet HTML 7Page - Allegro MicroSystems ACS730 Datasheet HTML 8Page - Allegro MicroSystems ACS730 Datasheet HTML 9Page - Allegro MicroSystems ACS730 Datasheet HTML 10Page - Allegro MicroSystems ACS730 Datasheet HTML 11Page - Allegro MicroSystems ACS730 Datasheet HTML 12Page - Allegro MicroSystems ACS730 Datasheet HTML 13Page - Allegro MicroSystems ACS730 Datasheet HTML 14Page - Allegro MicroSystems ACS730 Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
1 MHz Bandwidth, Galvanically Isolated Current Sensor IC
in Small Footprint SOIC8 Package
ACS730
11
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
xKLCTR-40AB Key Parameters
+3 Sigma
-3 Sigma
Average
-30
-20
-10
0
10
20
30
-50
0
50
100
150
Temperature (°C)
Zero Current Output Voltage Error vs. Temperature
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
-50
0
50
100
150
Temperature (°C)
Zero Current Reference Voltage Error vs. Temperature
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
-50
0
50
100
150
Temperature (°C)
Sensitivity Error Half Scale vs. Temperature
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
-50
0
50
100
150
Temperature (°C)
Sensitivity Error Full Scale vs. Temperature
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
0
50
100
150
Temperature (°C)
Nonlinearity vs. Temperature
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
-50
0
50
100
150
Temperature (°C)
Total Error at IPR(max) vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com