Electronic Components Datasheet Search
  English  ▼

X  

ACS730 Datasheet(PDF) 15 Page - Allegro MicroSystems

Part # ACS730
Description  1 MHz Bandwidth, Galvanically Isolated Current Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS730 Datasheet(HTML) 15 Page - Allegro MicroSystems

Back Button ACS730 Datasheet HTML 10Page - Allegro MicroSystems ACS730 Datasheet HTML 11Page - Allegro MicroSystems ACS730 Datasheet HTML 12Page - Allegro MicroSystems ACS730 Datasheet HTML 13Page - Allegro MicroSystems ACS730 Datasheet HTML 14Page - Allegro MicroSystems ACS730 Datasheet HTML 15Page - Allegro MicroSystems ACS730 Datasheet HTML 16Page - Allegro MicroSystems ACS730 Datasheet HTML 17Page - Allegro MicroSystems ACS730 Datasheet HTML 18Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
1 MHz Bandwidth, Galvanically Isolated Current Sensor IC
in Small Footprint SOIC8 Package
ACS730
15
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
APPLICATION INFORMATION
Impact of External Magnetic Fields
The ACS730 works by sensing the magnetic field created by the
current flowing through the package. However, the sensor cannot
differentiate between fields created by the current flow and exter-
nal magnetic fields. This means that external magnetic fields can
cause errors in the output of the sensor. Magnetic fields which are
perpendicular to the surface of the package affect the output of
the sensor, as it only senses fields in that one plane. The error in
Amperes can be quantified as:
Error (B) =
B
MCF
where B is the strength of the external field perpendicular to the
surface of the package in gauss (G), and MCF is the magnetic
coupling factor in gauss/amperes (G/A). Then, multiplying by
the sensitivity of the part (Sens) gives the error in mV seen at the
output.
For example, an external field of 1 gauss will result in around
0.1 A of error. If the ACS730KLCTR-20AB, which has a nominal
sensitivity of 100 mV/A, is being used, that equates to 10 mV of
error on the output of the sensor.
External Field
(Gauss)
Error
(A)
Error (mV)
20B
40B
50B
0.5
0.05
5
2.5
2
1
0.1
10
5
4
2
0.2
20
10
8
Estimating Total Error vs. Sensed Current
The Performance Characteristics tables give distribution values
(±3 sigma) for Total Error at IP(max) and IP(half); however, one
often wants to know what error to expect at a particular current.
This can be estimated by using the distribution data for the com-
ponents of Total Error, Sensitivity Error, and Offset Voltage. The
±3 sigma value for Total Error (ETOT) as a function of the sensed
current (IP) is estimated as:
E(I) =
TOTP
E+
SENS
2
100 × V
OE
2
Sens × I
P
()
Here, ESENS and VOE are the ±3 sigma values for those error
terms. If there is an average offset voltage, then the average Total
Error is estimated as:
E(I) = E+
TOTP
SENS
100 × V
OE
Sens × I
P
AVGAVG
AVG
The resulting total error will be a sum of ETOT and ETOT_AVG.
Using these equations and the 3 sigma distributions for Sensitiv-
ity Error and Offset Voltage, the Total Error versus sensed current
(IP) is below for the ACS730KLCTR-20AB. As expected, as the
sensed current (IP) approaches zero, the error in percent goes
towards infinity due to division by zero (refer to Figure 3).
-40ºC + 3σ
-40ºC– 3σ
25ºC + 3σ
25ºC– 3σ
125ºC + 3σ
125ºC– 3σ
-20.00
-15.00
-10.00
-5.00
0.00
5.00
10.00
15.00
20.00
0246
8101214161820
Current (A)
Figure 3: Predicted Total Error as a Function of the Sensed Current for the ACS730KLCTR-20AB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com