Electronic Components Datasheet Search
  English  ▼

X  

ACS764 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ACS764
Description  Fully Integrated, Hall-Effect Based Current Sensor IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS764 Datasheet(HTML) 4 Page - Allegro MicroSystems

  ACS764 Datasheet HTML 1Page - Allegro MicroSystems ACS764 Datasheet HTML 2Page - Allegro MicroSystems ACS764 Datasheet HTML 3Page - Allegro MicroSystems ACS764 Datasheet HTML 4Page - Allegro MicroSystems ACS764 Datasheet HTML 5Page - Allegro MicroSystems ACS764 Datasheet HTML 6Page - Allegro MicroSystems ACS764 Datasheet HTML 7Page - Allegro MicroSystems ACS764 Datasheet HTML 8Page - Allegro MicroSystems ACS764 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Fully Integrated, Hall-Effect Based Current Sensor IC with I2C
Digital Output and Low-Resistance Current Conductor
ACS764
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
OPERATING CHARACTERISTICS1 Valid throughout an ambient temperature range of –20°C to 125°C, CBYPASS = 0.1 μF,
VCC = 3.3 V, unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Electrical Characteristics
Supply Voltage
VCC
3.0
–
3.6
V
Supply Current
ICC
No load on SDA and SCL
–
9
14
mA
Power-On Time
tPO
TA = 25°C; CBYPASS = open
–
64
–
μs
Internal Bandwidth
BWi
Small signal –3 dB; TA = 25°C
–
2
–
kHz
Leadframe Resistance
RP
IP+ to IP– through primary current path
–
0.5
–
mΩ
Current Sensing Range Selection
Current Sensing Range2,3
CSR
[GAIN_RANGE] = 10b
–
8
–
A
[GAIN_RANGE] = 11b
–
16
–
A
[GAIN_RANGE] = 00b
–
32
–
A
[GAIN_RANGE] = 01b
–
64
–
A
Nominal Resolution3
RES
[GAIN_RANGE] = 10b
–
15.66
–
mA/LSB
[GAIN_RANGE] = 11b
–
31.31
–
mA/LSB
[GAIN_RANGE] = 00b
–
62.62
–
mA/LSB
[GAIN_RANGE] = 01b
–
125.24
–
mA/LSB
Output Signal Characteristics
A-to-D Conversion Resolution
ResADC
–9–
bit
A-to-D Conversion Time
tADC
–
375 × N–
μs
Average Quantity of Data Points
Included in Moving Average
Calculation4
N
[N7:N0]=[0000 0000] through [1111 1111]
represents 1 data point through 256 data points
1
–
256
data point
Analog Noise
INOISE(rms)(A) TA = 25°C
–
15
–
mA
Analog Noise Density
INOISE(den)(A) TA = 25°C
–
0.27
–
mA/Hz1/2
A-to-D Linear Range5
ADCLIN
15
–
496
ADC
Code
Digital Noise
INOISE(rms)(D) TA = 25°C
–
INOISE(rms)(A)
/ N1/2
–mA
Accuracy Performance
Offset Error
ErrOS
GAIN_RANGE set for optimized CSR, ADC
code is within ADCLIN; measured at 2 A;
TA = 25°C to 125°C
–8
±5
+8
LSB
GAIN_RANGE set for optimized CSR; ADC
code is within ADCLIN; measured at 2 A;
TA = –20°C to 25°C
–15
±7
+15
LSB
Continued on the next page…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com