Electronic Components Datasheet Search
  English  ▼

X  

ACS764 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ACS764
Description  Fully Integrated, Hall-Effect Based Current Sensor IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS764 Datasheet(HTML) 1 Page - Allegro MicroSystems

  ACS764 Datasheet HTML 1Page - Allegro MicroSystems ACS764 Datasheet HTML 2Page - Allegro MicroSystems ACS764 Datasheet HTML 3Page - Allegro MicroSystems ACS764 Datasheet HTML 4Page - Allegro MicroSystems ACS764 Datasheet HTML 5Page - Allegro MicroSystems ACS764 Datasheet HTML 6Page - Allegro MicroSystems ACS764 Datasheet HTML 7Page - Allegro MicroSystems ACS764 Datasheet HTML 8Page - Allegro MicroSystems ACS764 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Description
The Allegro™ ACS764 fully integrated Hall-effect current
sensor IC is designed for applications that require digital
current sensing and reporting through an I2C™ bus. Allegro
factory programming of the offset and gain, including the
temperature coefficients, stabilizes the offset and gain over
the operating temperature range. This programming greatly
reduces the device total error, typically less than 2% over the
operating temperature range.Afast response digital fault output
is also provided. Both coarse sensitivity and fault level can be
programmed via an I2C control register, and can be used for
enhanced diagnostic functions.
The integrated low resistance conductor eliminates the
requirement for external shunt resistors and, by employing
Hall-effect sensing technology, eliminates the error associated
with changing sense resistance due to temperature. The device
allows 16 unique I2C bus addresses, selectable via external pins.
The sensor IC gain can be selected by the user through the I2C
bus. The device uses a BiCMOS process that allows a highly
stable chopper-stabilized small signal amplifier design.
The ACS764 is provided in a compact 24-pin QSOP package
(suffix LF).The leadframe is plated with 100% matte tin, which
is compatible with standard lead (Pb) free printed circuit board
assembly processes. Internally, the device is Pb-free, except
for flip-chip high-temperature Pb-based solder balls, currently
exempt from RoHS.
ACS764-DS
Features and Benefits
• Fully integrated current sensor IC in a compact QSOP
package eliminates the need for shunt resistors
• Hall effect sensing technology eliminates the error
associated with shunt resistor variation due to temperature
• High accuracy: typical error < 2% over operating
temperature range
• Fast response digital fault output with programmable level
through I2C bus interface
• Digital output through I2C interface with 9-bit A-to-D
conversion for high resolution current measurement
• User-selectable decimation averaging of current output; up
to 256 samples
• Freeze pin for holding current measurement value while
reading many sensors serially
• User-selectable (via I2C) coarse sensitivity and
OC fault levels, for exceptional flexibility to meet
application requirements
Fully Integrated, Hall-Effect Based Current Sensor IC
With I2C Digital Output and Low-Resistance Current Conductor
Package: 24-pin QSOP (suffix LF)
Typical Application Diagrams
Not to scale
ACS764
Continued on the next page…
IP
ACS764
(I2C Slave)
VCC
+3.3 V
CBYP
0.1 μF
RPU
VCC
VA1
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
IP+
IP+
IP+
IP+
IP+
IP+
IP+
VCC
SDA
SCL
GND
NC
IP–
IP–
IP–
IP–
IP–
IP–
IP–
A1
A0
FAULT
FREEZE
NC
VCC
VA0


Similar Part No. - ACS764

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS760ELF-20B ALLEGRO-ACS760ELF-20B Datasheet
784Kb / 15P
12 V High-Side Hot-Swap Hall Effect Based Current Monitor
ACS760ELF-20B ALLEGRO-ACS760ELF-20B Datasheet
587Kb / 15P
12 V High-Side Hot-Swap Hall Effect Based Current Monitor IC
ACS760ELF-20BTR-T ALLEGRO-ACS760ELF-20BTR-T Datasheet
784Kb / 15P
12 V High-Side Hot-Swap Hall Effect Based Current Monitor
ACS760ELF-20B ALLEGRO-ACS760ELF-20B_13 Datasheet
587Kb / 15P
12 V High-Side Hot-Swap Hall Effect Based Current Monitor IC
ACS761 ALLEGRO-ACS761 Datasheet
377Kb / 14P
12 V High-Side Hot-Swap Hall Effect Based Current Monitor IC
More results

Similar Description - ACS764

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS758XCB ALLEGRO-ACS758XCB Datasheet
594Kb / 16P
Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 關廓 Current Conductor
ACS712 ALLEGRO-ACS712_V13 Datasheet
642Kb / 14P
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS758 ALLEGRO-ACS758_13 Datasheet
737Kb / 22P
Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 Current Conductor
ACS712 ALLEGRO-ACS712_16 Datasheet
681Kb / 15P
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS713 ALLEGRO-ACS713_16 Datasheet
569Kb / 14P
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS714 ALLEGRO-ACS714_16 Datasheet
690Kb / 18P
Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS715 ALLEGRO-ACS715_16 Datasheet
796Kb / 15P
Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS724KMA ALLEGRO-ACS724KMA Datasheet
792Kb / 18P
High-Accuracy, Hall-Effect-Based Current Sensor IC
ACS756 ALLEGRO-ACS756_16 Datasheet
632Kb / 11P
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS758 ALLEGRO-ACS758_16 Datasheet
1Mb / 22P
Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 關廓 Current Conductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com