Electronic Components Datasheet Search
  English  ▼

X  

OPA620SP Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA620SP
Description  OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA620SP Datasheet(HTML) 5 Page - Texas Instruments

  OPA620SP Datasheet HTML 1Page - Texas Instruments OPA620SP Datasheet HTML 2Page - Texas Instruments OPA620SP Datasheet HTML 3Page - Texas Instruments OPA620SP Datasheet HTML 4Page - Texas Instruments OPA620SP Datasheet HTML 5Page - Texas Instruments OPA620SP Datasheet HTML 6Page - Texas Instruments OPA620SP Datasheet HTML 7Page - Texas Instruments OPA620SP Datasheet HTML 8Page - Texas Instruments OPA620SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
®
OPA620
TYPICAL PERFORMANCE CURVES (CONT)
At VCC = ±5VDC, RL = 100Ω, and TA = +25°C, unless otherwise noted.
6
1
INPUT OFFSET VOLTAGE WARM-UP DRIFT
+100
+50
0
–50
–100
02
3
4
5
Time from Power Turn-on (min)
INPUT VOLTAGE AND CURRENT NOISE
SPECTRAL DENSITY vs TEMPERATURE
3.1
2.8
2.5
2.2
1.9
–75
–50
–25
0
+25
+50
+75
+100
+125
2.9
2.6
2.3
2.0
1.7
Ambient Temperature (°C)
f = 100kHz
O
Current Noise
Voltage Noise
TOTAL INPUT VOLTAGE NOISE SPECTRAL DENSITY
vs SOURCE RESISTANCE
Frequency (Hz)
100
0.1
1M
10M
100M
10
100
1k
10k
1
100k
Ω
R = 1k
S
Ω
R = 500
S
Ω
S
Ω
R = 0
S
R = 100
A = +10V/V CLOSED-LOOP BANDWIDTH
vs OUTPUT VOLTAGE SWING
V
Frequency (Hz)
8
6
0
1M
10M
100M
1G
4
1k
10k
100k
2
Ω
R = 50
L
INPUT CURRENT NOISE SPECTRAL DENSITY
Frequency (Hz)
100
0.1
1M
10M
100M
10
100
1k
10k
1
100k
0
INPUT OFFSET VOLTAGE CHANGE
DUE TO THERMAL SHOCK
+1000
+500
0
–500
–1000
–1
+1
+2
+3
+4
Time from Thermal Shock (min)
+5
K Grade
T = 25°C to 70°C
Air Environment
A
SG T = 25°C to T = 125°C
Air Environment
AA
25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com