Electronic Components Datasheet Search
  English  ▼

X  

OPA620SP Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA620SP
Description  OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA620SP Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA620SP Datasheet HTML 6Page - Texas Instruments OPA620SP Datasheet HTML 7Page - Texas Instruments OPA620SP Datasheet HTML 8Page - Texas Instruments OPA620SP Datasheet HTML 9Page - Texas Instruments OPA620SP Datasheet HTML 10Page - Texas Instruments OPA620SP Datasheet HTML 11Page - Texas Instruments OPA620SP Datasheet HTML 12Page - Texas Instruments OPA620SP Datasheet HTML 13Page - Texas Instruments OPA620SP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
®
OPA620
10
6) Avoid overloading the output. Remember that output
current must be provided by the amplifier to drive its own
feedback network as well as to drive its load. Lowest
distortion is achieved with high impedance loads.
7) Don’t forget that these amplifiers use
±5V supplies.
Although they will operate perfectly well with +5V and
–5.2V, use of
±15V supplies will destroy the part.
8) Standard commercial test equipment has not been
designed to test devices in the OPA620’s speed range.
Benchtop op amp testers and ATE systems will require a
special test head to successfully test these amplifiers.
9) Terminate transmission line loads. Unterminated lines,
such as coaxial cable, can appear to the amplifier to be a
capacitive or inductive load. By terminating a transmission
line with its characteristic impedance, the amplifier’s load
then appears purely resistive.
10) Plug-in prototype boards and wire-wrap boards will not
be satisfactory. A clean layout using RF techniques is
essential; there are no shortcuts.
OFFSET VOLTAGE ADJUSTMENT
The OPA620’s input offset voltage is laser-trimmed and
will require no further adjustment for most applications.
However, if additional adjustment is needed, the circuit in
Figure 1 can be used without degrading offset drift with
temperature. Avoid external adjustment whenever possible
since extraneous noise, such as power supply noise, can be
inadvertently coupled into the amplifier’s inverting input
terminal. Remember that additional offset errors can be
created by the amplifier’s input bias currents. Whenever
possible, match the impedance seen by both inputs as is
shown with R3. This will reduce input bias current errors to
the amplifier’s offset current, which is typically only 0.2
µA.
FIGURE 1. Offset Voltage Trim.
NOTE: (1) R
3
is optional and can be used to cancel offset errors due to input
bias currents.
R
2
OPA620
(1)R = R || R
31
2
R
1
R
Trim
+V
CC
–V
CC
20k
V
or Ground
IN
Output Trim Range
+V
( R ) to –V
( R )
≅
CC
2
2
CC
R
Trim
R
Trim
47k
Ω
Ω
INPUT PROTECTION
Static damage has been well recognized for MOSFET
devices, but any semiconductor device deserves protection
from this potentially damaging source. The OPA620 incor-
porates on-chip ESD protection diodes as shown in Figure 2.
This eliminates the need for the user to add external protec-
tion diodes, which can add capacitance and degrade AC
performance.
All pins on the OPA620 are internally protected from ESD
by means of a pair of back-to-back reverse-biased diodes to
either power supply as shown. These diodes will begin to
conduct when the input voltage exceeds either power
supply by about 0.7V. This situation can occur with loss of
the amplifier’s power supplies while a signal source is still
present. The diodes can typically withstand a continuous
current of 30mA without destruction. To insure long term
reliability, however, diode current should be externally lim-
ited to 10mA or so whenever possible.
FIGURE 2. Internal ESD Protection.
ESD Protection diodes internally
connected to all pins.
External
Pin
+V
CC
–V
CC
Internal
Circuitry
The internal protection diodes are designed to withstand
2.5kV (using Human Body Model) and will provide ad-
equate ESD protection for most normal handling proce-
dures. However, static damage can cause subtle changes in
amplifier input characteristics without necessarily destroy-
ing the device. In precision operational amplifiers, this may
cause a noticeable degradation of offset voltage and drift.
Therefore, static protection is strongly recommended when
handling the OPA620.
OUTPUT DRIVE CAPABILITY
The OPA620’s design uses large output devices and has
been optimized to drive 50
Ω and 75Ω resistive loads. The
device can easily drive 6Vp-p into a 50
Ω load. This high-
output drive capability makes the OPA620 an ideal choice
for a wide range of RF, IF, and video applications. In many
cases, additional buffer amplifiers are unneeded.
Internal current-limiting circuitry limits output current to
about 150mA at 25
°C. This prevents destruction from
accidental shorts to common and eliminates the need for
external current-limiting circuitry. Although the device can
withstand momentary shorts to either power supply, it is not
recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com