Electronic Components Datasheet Search
  English  ▼

X  

OPA620SP Datasheet(PDF) 14 Page - Texas Instruments

Part # OPA620SP
Description  OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA620SP Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA620SP Datasheet HTML 8Page - Texas Instruments OPA620SP Datasheet HTML 9Page - Texas Instruments OPA620SP Datasheet HTML 10Page - Texas Instruments OPA620SP Datasheet HTML 11Page - Texas Instruments OPA620SP Datasheet HTML 12Page - Texas Instruments OPA620SP Datasheet HTML 13Page - Texas Instruments OPA620SP Datasheet HTML 14Page - Texas Instruments OPA620SP Datasheet HTML 15Page - Texas Instruments OPA620SP Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
®
OPA620
14
SPICE MODELS
Computer simulation using SPICE is often useful when
analyzing the performance of analog circuits and systems.
This is particularly true for Video and RF amplifier circuits
where parasitic capacitance and inductance can have a major
effect on circuit performance. A SPICE model using
MicroSim Corporation’s PSpice is available for the OPA620.
This simulation model is available through the Burr-Brown
web site at www.burr-brown.com or by contacting the Burr-
Brown Applications Department.
RELIABILITY DATA
Extensive reliability testing has been performed on the
OPA620. Accelerated life testing (2000 hours) at maximum
operating temperature was used to calculate MTTF at an
ambient temperature of 25
°C. These test results yield MTTF
of: Cerdip package = 1.31E+9 Hours, Plastic DIP = 5.02E+7
Hours, and SO-8 = 2.94E+7 Hours. Additional tests such as
PCT have also been performed. Reliability reports are avail-
able upon request for each of the package options offered.
DEMONSTRATION BOARDS
Demonstration boards are available to speed protyping. The
8-pin DIP packaged parts may be evaluated using the DEM-
OPA65XP board while the SO-8 packaged part may be
evaluated using the DEM-OPA65XU board. Both of these
boards come partially assembled from your local distributor
(the external resistors and the amplifier are not included).
FIGURE 13. Low Noise, Wideband FET Input Op Amp.
FIGURE 12. High-Q 1MHz Bandpass Filter.
* Select J
1, J2 and R1, R2 to set
input stage current for optimum
performance.
I
B
e
N
Gain-Bandwidth
Slew Rate
Settling Time
: 1pA
: 6nV/
√Hz at 1MHz
: 200MHz
: 250 V/
µs
: 15ns to 0.1%
Feedback from pin 6 to the (–) FET
input required for stability.
f
C
= 1MHz
BW = 20kHz at –3dB
Q= 50
OPA620
OPA620
2k
Ω
V
OUT
R
3
R
4
2k
Ω
158
Ω
R
5
C
2
15.8k
R
1
R
2
158
Ω
V
IN
1000pF
C
1000pF
1
Ω
OPA620
V
OUT
*R
1
2k
Ω
+5V
(–)
(+)
D
S
*J
1
D
S
2N5911
–5V
2
3
7
6
4
*R
2
2k
Ω
*J
2
FIGURE 11. Video Distribution Amplifier.
High output current drive capability (6Vp-p into 50
Ω)
allows three back-terminated 75
Ω transmission lines
to be simultaneously driven.
OPA620
V
OUT
390
Ω
390
Ω
Video
Input
75
Ω
75
Ω
75 Transmission Line
Ω
V
OUT
75
Ω
75
Ω
V
OUT
75
Ω
75
Ω
75
Ω
APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com