Electronic Components Datasheet Search
  English  ▼

X  

OPA643P Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA643P
Description  Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA643P Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA643P Datasheet HTML 2Page - Texas Instruments OPA643P Datasheet HTML 3Page - Texas Instruments OPA643P Datasheet HTML 4Page - Texas Instruments OPA643P Datasheet HTML 5Page - Texas Instruments OPA643P Datasheet HTML 6Page - Texas Instruments OPA643P Datasheet HTML 7Page - Texas Instruments OPA643P Datasheet HTML 8Page - Texas Instruments OPA643P Datasheet HTML 9Page - Texas Instruments OPA643P Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
®
OPA643
6
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±5V, RL = 100Ω, RF = 402Ω, unless otherwise noted.
3RD HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
110
0.1
20
G = 5
–40
–50
–60
–70
–80
–90
–100
V
O = 2Vp-p
G = 10
G = 20
0
DC Offset (V)
1.4
0.7
0
0.7
1.4
DC Offset (V)
0.004
0.002
0.000
–0.002
–0.004
–0.006
0.015
0.010
0.005
0.000
2ND HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
110
0.1
20
G = 10
–40
–50
–60
–70
–80
–90
–100
V
O = 2Vp-p
G = 20
G = 5
OPEN-LOOP GAIN AND PHASE
Frequency (Hz)
103
104
105
106
107
108
109
102
100
90
80
70
60
50
40
30
20
10
0
0
–30
–60
–90
–120
–150
–180
–210
–240
–270
–300
TWO-TONE, THIRD ORDER
INTERMODULATION INTERCEPT
Frequency (MHz)
5
0
1015
2025
3035
40
45
50
55
50
45
40
35
30
25
100
Ω
402
Ω
OPA643
50
Ω
50
Ω
50
Ω
P
i
P
O
INPUT VOLTAGE AND CURRENT NOISE DENSITY
Frequency (Hz)
100
10
1
102
103
104
105
106
107
Current Noise
Voltage Noise
2.5pA/
√Hz
2.3nV/
√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com