Electronic Components Datasheet Search
  English  ▼

X  

OPA685 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA685
Description  Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA685 Datasheet(HTML) 2 Page - Texas Instruments

  OPA685 Datasheet HTML 1Page - Texas Instruments OPA685 Datasheet HTML 2Page - Texas Instruments OPA685 Datasheet HTML 3Page - Texas Instruments OPA685 Datasheet HTML 4Page - Texas Instruments OPA685 Datasheet HTML 5Page - Texas Instruments OPA685 Datasheet HTML 6Page - Texas Instruments OPA685 Datasheet HTML 7Page - Texas Instruments OPA685 Datasheet HTML 8Page - Texas Instruments OPA685 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
®
OPA685
SPECIFICATIONS: VS = ±5V
RF = 402Ω, RL = 100Ω, and G = +8, (Figure 1 for AC performance only), unless otherwise noted.
OPA685U, N
TYP
GUARANTEED
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(2)
70
°C(3)
+85
°C(3)
UNITS
MAX LEVEL(1)
AC PERFORMANCE (Figure 1)
Small-Signal Bandwidth (VO = 0.5Vp-p)
G = +1, RF = 523Ω
1200
MHz
typ
C
G = +2, RF = 511Ω
900
MHz
typ
C
G = +8, RF = 402Ω
420
360
350
320
MHz
min
B
G = +16, RF = 249Ω
340
MHz
typ
C
Bandwidth for 0.1dB Gain Flatness
G = +2, VO = 0.5Vp-p, RF =523Ω
350
150
80
70
MHz
min
B
Peaking at a Gain of +1
RF = 523Ω, VO = 0.5Vp-p
3
4.5
5
6.0
dB
max
B
Large Signal Bandwidth
G = +8, VO = 4Vp-p
350
MHz
typ
C
Slew Rate
G = –8, VO = 4V Step
4200
3000
2500
2200
V/
µs
min
B
G = +8, VO = 4V Step
2900
2400
2400
2100
V/
µs
min
B
Rise/Fall Time
G = +8, VO = 0.5V Step
0.7
ns
typ
C
G = +8, VO = 4V Step
1.0
ns
typ
C
Settling Time to 0.02%
G = +8, VO = 2V Step
4
ns
typ
C
0.1%
G = +8, VO = 2V Step
3
ns
typ
C
Harmonic Distortion
G = +8, f = 10MHz, VO = 2Vp-p
2nd Harmonic
RL = 100Ω
–66
–59
–56
–53
dBc
max
B
RL ≥ 500Ω
–75
–69
–66
–63
dBc
max
B
3rd Harmonic
RL = 100Ω
–90
–83
–77
–74
dBc
max
B
RL ≥ 500Ω
–84
–78
–76
–75
dBc
max
B
Input Voltage Noise
f > 1MHz
1.7
1.8
2.2
2.3
nV/
√Hz
max
B
Non-Inverting Input Current Noise
f > 1MHz
13
15
15
15
pA/
√Hz
max
B
Inverting Input Current Noise
f > 1MHz
19
22
22
22
pA/
√Hz
max
B
Differential Gain
G = +2, NTSC, VO = 1.4Vp, RL = 150Ω
0.10
%
typ
C
Differential Phase
G = +2, NTSC, VO = 1.4Vp, RL = 150Ω
0.01
deg
typ
C
DC PERFORMANCE(4)
Open-Loop Transimpedance Gain (ZOL)
VO = 0V, RL = 100Ω
42
26
24
23
k
Ω
min
A
Input Offset Voltage
VCM = 0V
±1.7
±3.5
±5
±7
mV
max
A
Average Offset Voltage Drift
VCM = 0V
+35
+40
µV/°C
max
B
Non-Inverting Input Bias Current
VCM = 0V
+56
+90
±100
±130
µA
max
A
Average Non-Inverting Input Bias Current Drift
VCM = 0V
–530
–570
nA/
°C
max
B
Inverting Input Bias Current
VCM = 0V
±10
±100
±120
±150
µA
max
A
Average Inverting Input Bias Current Drift
VCM = 0V
–500
–560
nA
°/C
max
B
INPUT
Common-Mode Input Range(5) (CMIR)
±3.4
±3.2
±3.1
±3.0
V
min
A
Common-Mode Rejection Ratio (CMRR)
VCM = 0V
54
49
48
48
dB
min
A
Non-Inverting Input Impedance
87 || 2
k
Ω || pF
typ
C
Inverting Input Resistance (RI)
Open-Loop
19
Ω
typ
C
OUTPUT
Voltage Output Swing
No Load
±4.1
±3.9
±3.8
±3.8
V
min
A
100
Ω Load
±3.6
±3.3
±3.2
±3.1
V
min
A
Current Output, Sourcing
VO = 0
+130
+90
+75
+70
mA
min
A
Current Output, Sinking
VO = 0
–90
–60
–50
–45
mA
min
A
Closed-Loop Output Impedance
G = +8, f = 100kHz
0.2
Ω
typ
C
DISABLE (Disabled Low)
Power Down Supply Current (+VS)VDIS = 0
–320
µA
typ
C
Disable Time
100
ns
typ
C
Enable Time
100
ns
typ
C
Off Isolation
G = +8, 10MHz
70
dB
typ
C
Output Capacitance in Disable
3
pF
typ
C
Turn On Glitch
G = +2, RL = 150Ω, VIN = 0
±160
mV
typ
C
Turn Off Glitch
G = +2, RL = 150Ω, VIN = 0
±20
mV
typ
C
Enable Voltage
3.3
3.5
3.6
3.7
V
min
A
Disable Voltage
1.8
1.7
1.6
1.5
V
max
A
Control Pin Input Bias Current (DIS)
VDIS = 0
115
160
160
160
µA
max
A
POWER SUPPLY
Specified Operating Voltage
±5
V
typ
C
Maximum Operating Voltage Range
±6
±6
±6
V
max
A
Max Quiescent Current
VS = ±5V
12.9
13.5
13.5
13.5
mA
max
A
Min Quiescent Current
VS = ±5V
12.9
12.5
11.9
11.2
mA
min
A
Power Supply Rejection Ratio (–PSRR)
Input Referred
55
49
47
46
dB
typ
A
TEMPERATURE RANGE
Specification: U, N
–40 to +85
°C
typ
C
Thermal Resistance,
θ
JA
Junction-to-Ambient
U
SO-8
125
°C/W
typ
C
N
SOT23-6
150
°C/W
typ
C
NOTES: (1) Test levels: (A) 100% tested at 25
°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and simulation.
(C) Typical value only for information. (2) Junction temperature = ambient for 25
°C guaranteed specifications. (3) Junction temperature = ambient at low temperature
limit: junction temperature = ambient +23
°C at high temperature limit for over temperature guaranteed specifications. (4) Current is considered positive out-of-node.
VCM is the input common-mode voltage. (5) Tested < 3dB below minimum specified CMRR at ± CMIR limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com