Electronic Components Datasheet Search
  English  ▼

X  

OPA685 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA685
Description  Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA685 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA685 Datasheet HTML 17Page - Texas Instruments OPA685 Datasheet HTML 18Page - Texas Instruments OPA685 Datasheet HTML 19Page - Texas Instruments OPA685 Datasheet HTML 20Page - Texas Instruments OPA685 Datasheet HTML 21Page - Texas Instruments OPA685 Datasheet HTML 22Page - Texas Instruments OPA685 Datasheet HTML 23Page - Texas Instruments OPA685 Datasheet HTML 24Page - Texas Instruments OPA685 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
®
OPA685
For a 20mA peak output current DAC, the mid-scale current
of 10mA will give a 2V DC output common-mode operating
voltage due to the 200
Ω resistor to ground at their outputs. The
total AC impedance at each output is 50
Ω, giving a ±0.5V
swing around this 2V common-mode voltage for the DAC.
These resistors also act as a current divider sending 75% of the
DAC output current through the feedback resistor (464
Ω). The
blocking capacitor references the OPA685 output voltage to
ground, and turns the unipolar DAC output current into a
bipolar swing of 0.75 • 20mA • 464
Ω = 7Vp-p at each
amplifier output. Each output is exactly 180
° out-of-phase
from the other, producing double 7Vp-p into the matching
resistors. To limit the peak output current and improve distor-
tion, the circuit of Figure 10 is set up with a 1.4:1 step-down
transformer. This reflects the 50
Ω load to be 100Ω at the
primary side of the transformer. For the maximum 14Vp-p
swing across the outputs of the two amplifiers, the matching
resistors will drop this to 7Vp-p at the input of the transformer,
then down to 5Vp-p maximum at the 50
Ω load at the output
of the transformer.
HIGH-SPEEDADC INPUT DRIVERS
The OPA685 is ideally suited to the demanding input drive
requirements of emerging ultra high-speed and high perfor-
mance ADCs. As a single amplifier stage, 10-bit converters
through 100MSPS may be driven, while 8-bit converters
may be driven with input frequencies in excess of 100MHz.
Emerging differential input ADCs can also benefit from a
purely differential input interface using two OPA685s to get
a significant improvement in even-order harmonics along
with a somewhat improved 3rd-order harmonic suppression.
SINGLE-ENDED ADC INPUT INTERFACE
Figure 11 shows an example single +5V supply ADC driver
where the AC gain is set to –8V/V. The converter is shown
with both an inverting and non-inverting input. The inverting
input is used here to make the overall channel non-inverting.
The Typical Performance Curves for the non-inverting gain
of +8 show very flat frequency response for +5V only
operation when driving into the 20pF load capacitor shown in
Figure 11. The inverting configuration of Figure 11 was
selected for higher slew rate and lower distortion perfor-
mance. It will give > 300MHz bandwidth at this gain of –8.
Harmonic distortion for a 2Vp-p output signal will be < –
50dBc through 50MHz.
DIFFERENTIAL ADC DRIVER
For applications requiring the lowest harmonic distortion
through very high frequencies, a balanced differential cir-
cuit using the OPA685 offers the best performance. Figure
12 shows an example of this approach where an input step-
up transformer is used to convert to a differential signal and
improve the Noise Figure.
FIGURE 11. Single Supply, Wideband ADC Driver.
FIGURE 12. Very Wideband Differential ADC Driver.
OPA685
42.2
Ω
V
O = 2.5VDC – 8VI
400
Ω
50
Ω
+5V
Power supply decoupling
not shown.
+5V
ADC
2k
Ω
2k
Ω
IN
20
Ω
0.1
µF
20pF
IN
CM
V
I
DIS
+5V
–5V
OPA685
22pF
22pF
+5V
–5V
600
Ω
OPA685
1:2
50
Ω Source
Noise
Figure
11.8dB
V
CM
V
CM
600
Ω
100
Ω
100
Ω
43.2
Ω
Power supply decoupling
not shown.
43.2
Ω
V
I
V
O
ADC Input
V
O
V
I
= 12V/V (21.6dB)
DIS
DIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com