Electronic Components Datasheet Search
  English  ▼

X  

OPA685 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA685
Description  Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA685 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA685 Datasheet HTML 9Page - Texas Instruments OPA685 Datasheet HTML 10Page - Texas Instruments OPA685 Datasheet HTML 11Page - Texas Instruments OPA685 Datasheet HTML 12Page - Texas Instruments OPA685 Datasheet HTML 13Page - Texas Instruments OPA685 Datasheet HTML 14Page - Texas Instruments OPA685 Datasheet HTML 15Page - Texas Instruments OPA685 Datasheet HTML 16Page - Texas Instruments OPA685 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
®
OPA685
APPLICATIONS INFORMATION
WIDEBAND CURRENT-FEEDBACK OPERATION
The OPA685 gives a new level of performance in wideband
current-feedback op amps. Nearly constant AC performance
over a wide gain range, along with 4200V/
µs slew rate,
offers a lower power, lower cost solution for high intercept
IF amplifier requirements. While optimized at a gain of 8V/
V (12dB to a matched 50
Ω load) to give 400MHz band-
width, application from gains of 1 to 100 can be supported.
As a video line driver (gain of +2), the bandwidth extends to
900MHz, with a slew rate to support the highest pixel rates.
At gains above 20, the signal bandwidth starts to decrease
but still exceeds 50MHz up to a gain of 80V/V (32dB to a
matched 50
Ω load). Single +5V supply operation is also
supported with similar bandwidths, but reduced output power
capability. For lower speed (< 250MHz) requirements at
higher output power, consider the OPA681.
Figure 1 shows the DC-coupled, gain of +8V/V, dual power
supply circuit used as the basis of the
±5V Specifications
and Typical Performance Curves. For test purposes, the
input impedance is set to 50
Ω with a resistor to ground and
the output impedance is set to 50
Ω with a series output
resistor. Voltage swings reported in the specifications are
taken directly at the input and output pins, while load power
(dBm) is defined at a matched 50
Ω load. For the circuit of
Figure 1, the total effective load will be 100
Ω || 458Ω = 82Ω.
The disable control line (DIS) is typically left open to
guarantee normal amplifier operation. One optional compo-
nent is included in Figure 1. In addition to the usual power
supply de-coupling capacitors to ground, a 0.1
µF capacitor
is included between the two power supply pins. In practical
PC board layouts, this optional capacitor will typically
improve the 2nd harmonic distortion performance by 3dB to
6dB for bipolar supply operation.
Figure 2 shows the DC-coupled, gain of –8V/V, dual power
supply circuit used as the basis of the Inverting Typical
Performance Curves. Inverting operation offers several per-
formance benefits. Since there is no common-mode signal
across the input stage, the slew rate for inverting operation
is higher and the distortion performance is slightly im-
proved. An additional input resistor, RT, is included in
Figure 2 to set the input impedance equal to 50
Ω. The
parallel combination of RT and RG set the input impedance.
Both the non-inverting and inverting applications of Figures
1 and 2 will benefit from optimizing the feedback resistor
value for bandwidth (see the discussion in Setting Resistor
Values to Optimize Bandwidth). As the gain increases for
the inverting configuration, a point will be reached where
RG will equal 50Ω; RT is removed with the input match set
by RG only. With RG fixed to achieve an input match of
50
Ω, to increase gain, R
F is simply increased to get higher
gain. This will, however, quickly reduce the achievable
bandwidth as shown by the inverting gain of –16 frequency
response in the Typical Performance Curves. For gains >
12V/V (15.5dB at the matched load), non-inverting opera-
tion will give a higher bandwidth.
FIGURE 1. DC-Coupled, G = +8V/V, Bipolar Supply
Specifications and Test Circuit.
FIGURE 2. DC-Coupled, G = –8V/V, Bipolar Supply
Specifications and Test Circuit.
OPA685
+5V
DIS
–5V
50
Ω Load
50
Ω
50
Ω
V
I
50
Ω Source
R
G
56.2
Ω
R
F
402
Ω
+
6.8
µF
0.1
µF
+
6.8
µF
0.1
µF
0.1
µF
OPA685
+5V
+V
S
–V
S
DIS
–5V
50
Ω Load
50
Ω
20
Ω
R
T
562
Ω
R
G
54.9
Ω
+
6.8
µF
0.1
µF
+
6.8
µF
0.1
µF
0.1
µF
V
I
50
Ω Source
R
F
442
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com