Electronic Components Datasheet Search
  English  ▼

X  

OPA686 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA686
Description  Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA686 Datasheet(HTML) 2 Page - Texas Instruments

  OPA686 Datasheet HTML 1Page - Texas Instruments OPA686 Datasheet HTML 2Page - Texas Instruments OPA686 Datasheet HTML 3Page - Texas Instruments OPA686 Datasheet HTML 4Page - Texas Instruments OPA686 Datasheet HTML 5Page - Texas Instruments OPA686 Datasheet HTML 6Page - Texas Instruments OPA686 Datasheet HTML 7Page - Texas Instruments OPA686 Datasheet HTML 8Page - Texas Instruments OPA686 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
®
OPA686
OPA686U, N
TYP
GUARANTEED
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(2)
70
°C(3)
+85
°C(3)
UNITS
MAX LEVEL(1)
SPECIFICATIONS: VS = ±5V
RF = 453Ω, RL = 100Ω, and G =+10, unless otherwise noted. Figure 1 for AC performance.
AC PERFORMANCE (Figure 1)
Closed-Loop Bandwidth
G = +7, RG = 50Ω, VO = 200mVp-p
425
MHz
typ
C
G = +10, RG = 50Ω, VO = 200mVp-p
250
200
170
140
MHz
min
B
G = +20, RG = 50Ω, VO = 200mVp-p
100
80
65
55
MHz
min
B
Gain Bandwidth Product
G
≥ +40
1600
1250
1100
1000
MHz
min
B
Bandwidth for 0.1dB Gain Flatness
G = +10, RL = 100Ω, VO = 200mVp-p
40
35
30
25
MHz
min
B
Peaking at a Gain of +7
2
dB
typ
C
Harmonic Distortion
G = +10, f = 5MHz, VO = 2Vp-p
2nd Harmonic
RL = 100Ω
–72
–67
–65
–60
dBc
max
B
RL = 500Ω
–90
–85
–80
–75
dBc
max
B
3rd Harmonic
RL = 100Ω
–95
–90
–85
–80
dBc
max
B
RL = 500Ω
–110
–105
–100
–95
dBc
max
B
Two-Tone, 3rd-Order Intercept
G = +10, f = 10MHz
43
40
39
37
dBm
min
B
Input Voltage Noise
f > 1MHz
1.3
1.5
1.6
1.7
nV/
√Hz
max
B
Input Current Noise
f > 1MHz
1.8
2.3
2.4
2.5
pA/
√Hz
max
B
Rise/Fall Time
0.2V Step
1.4
1.75
2
2.5
ns
max
B
Slew Rate
2V Step
600
500
400
310
V/
µs
min
B
Settling Time to 0.01%
2V Step
18
ns
typ
C
0.1%
2V Step
16
14
21
25
ns
max
B
1%
2V Step
11
12
14
18
ns
max
B
Differential Gain
G = +10, NTSC, RL = 150Ω
0.02
%
typ
C
Differential Phase
G = +10, NTSC, RL = 150Ω
0.02
deg
typ
C
DC PERFORMANCE(4)
Open-Loop Voltage Gain (AOL)VO = 0V
80
75
70
70
dB
min
A
Input Offset Voltage
VCM = 0V
±0.35
±1.0
±1.2
±1.5
mV
max
A
Average Offset Voltage Drift
VCM = 0V
5
10
µV/°C
max
B
Input Bias Current
VCM = 0V
–10
–17
–18
–20
µA
max
A
Input Bias Current Drift
VCM = 0V
50
100
nA/
°C
max
B
Input Offset Current
VCM = 0V
±0.5
±1.0
±1.5
±1.8
µA
max
A
Input Offset Current Drift
VCM = 0V
5
10
nA/
°C
max
B
INPUT
Common-Mode Input Range (CMIR)(5)
±3.2
±3.0
±2.9
±2.8
V
min
A
Common-Mode Rejection (CMR)
VCM = ±1V, Input Referred
100
90
85
75
dB
min
A
Input Impedance
Differential-Mode
VCM = 0V
6 || 2
k
Ω || pF
typ
C
Common-Mode
VCM = 0V
2.9 || 1
M
Ω || pF
typ
C
OUTPUT
Output Voltage Swing
≥ 400Ω Load
±3.5
±3.2
±3.1
±3.0
V
min
A
100
Ω Load
±3.3
±3.0
±2.8
±2.8
V
min
A
Current Output, Sourcing
VO = 0V
80
60
55
50
mA
min
A
Current Output, Sinking
VO = 0V
–80
–60
–55
–40
mA
min
A
Closed-Loop Output Impedance
G = +10, f = 100kHz
0.008
Ω
typ
C
POWER SUPPLY
Specified Operating Voltage
±5
V
typ
C
Maximum Operating Voltage
±6
±6
±6
V
max
A
Max Quiescent Current
VS = ±5V
12.4
12.9
13
13.9
mA
max
A
Min Quiescent Current
VS = ±5V
12.4
11.9
11.9
11
mA
min
A
Power Supply Rejection Ratio
+PSRR, –PSRR
|VS| = 4.5 to 5.5, Input Referred
78
70
70
65
dB
min
A
THERMAL CHARACTERISTICS
Specified Operating Range: U, N Package
–40 to +85
°C
typ
C
Thermal Resistance,
θ
JA
Junction-to-Ambient
U
8-Pin, SO-8
125
°C/W
typ
C
N
5-Pin, SOT23
150
°C/W
typ
C
NOTES: (1) Test Levels: (A) 100% tested at 25
°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and simulation.
(C) Typical value only for information. (2) Junction temperature = ambient for 25
°C guaranteed specifications. (3) Junction temperature = ambient at low temperature
limit: junction temperature = ambient +23
°C at high temperature limit for over temperature guaranteed specifications. (4) Current is considered positive out-of-node.
VCM is the input common-mode voltage. (5) Tested < 3dB below minimum specified CMR at ±CMIR limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com