Electronic Components Datasheet Search
  English  ▼

X  

OPA686 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA686
Description  Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA686 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA686 Datasheet HTML 3Page - Texas Instruments OPA686 Datasheet HTML 4Page - Texas Instruments OPA686 Datasheet HTML 5Page - Texas Instruments OPA686 Datasheet HTML 6Page - Texas Instruments OPA686 Datasheet HTML 7Page - Texas Instruments OPA686 Datasheet HTML 8Page - Texas Instruments OPA686 Datasheet HTML 9Page - Texas Instruments OPA686 Datasheet HTML 10Page - Texas Instruments OPA686 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
®
OPA686
TYPICAL PERFORMANCE CURVES: VS = ±5V (CONT)
At TA = +25°C, G = +10, RF = 453Ω, and RL = 100Ω, unless otherwise noted. See Figure 1.
14
12
10
8
6
4
2
0
140
120
100
80
60
40
20
0
POWER SUPPLY and OUTPUT CURRENT
vs TEMPERATURE
Temperature (
°C)
–50
–25
0
25
50
75
100
125
Power Supply Current
Output Current Sourcing
Output Current Sinking
1.3
1.1
0.9
0.7
0.5
0.3
0.1
–0.1
13
11
9
7
5
3
1
–1
INPUT DC ERRORS vs TEMPERATURE
Temperature (
°C)
–50
–25
0
25
50
75
100
125
Input Bias Current
Offset Voltage
Input Offset Current
90
80
70
60
50
40
30
20
10
0
0
–30
–60
–90
–120
–150
–180
–210
–240
–270
OPEN-LOOP GAIN and PHASE
Frequency (Hz)
100
10M
100M
1G
1k
10k
100k
1M
| A
OL|
∠ A
OL
10
1.0
0.1
0.01
0.001
CLOSED-LOOP OUTPUT IMPEDANCE
Frequency (Hz)
10M
100M
10k
100k
1M
OPA686
450
Ω
50
Ω
50
Ω
Z
O
107
106
105
104
103
DIFFERENTIAL and COMMON-MODE
INPUT IMPEDANCE
Frequency (Hz)
100
10M
10M
1k
10k
100k
1M
Common-Mode
Differential
110
100
90
80
70
60
50
40
30
20
10
CMRR and PSRR
Frequency (Hz)
100
10M
100M
1k
10k
100k
1M
CMRR
+PSRR
–PSRR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com