Electronic Components Datasheet Search
  English  ▼

X  

OPA686 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA686
Description  Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA686 Datasheet(HTML) 1 Page - Texas Instruments

  OPA686 Datasheet HTML 1Page - Texas Instruments OPA686 Datasheet HTML 2Page - Texas Instruments OPA686 Datasheet HTML 3Page - Texas Instruments OPA686 Datasheet HTML 4Page - Texas Instruments OPA686 Datasheet HTML 5Page - Texas Instruments OPA686 Datasheet HTML 6Page - Texas Instruments OPA686 Datasheet HTML 7Page - Texas Instruments OPA686 Datasheet HTML 8Page - Texas Instruments OPA686 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
OPA686
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
OPA686
®
Wideband, Low Noise,
Voltage Feedback OPERATIONAL AMPLIFIER
APPLICATIONS
q HIGH DYNAMIC RANGE ADC PREAMP
q LOW NOISE, WIDEBAND,
TRANSIMPEDANCE AMPLIFIER
q WIDEBAND, HIGH GAIN AMPLIFIER
q LOW NOISE DIFFERENTIAL RECEIVER
q VDSL LINE RECEIVER
q ULTRASOUND CHANNEL AMPLIFIER
q IMPROVED REPLACEMENT FOR THE
CLC425
FEATURES
q HIGH BANDWIDTH: 250MHz (G = +10)
q LOW INPUT VOLTAGE NOISE: 1.3nV/
√Hz
q VERY LOW DISTORTION: –90dBc (5MHz)
q HIGH SLEW RATE: 600V/
µs
q HIGH DC ACCURACY
q LOW SUPPLY CURRENT: 12mA
q HIGH GAIN BANDWIDTH PRODUCT:
1600MHz
q STABLE FOR GAINS
≥ 7
DESCRIPTION
The OPA686 combines very high gain bandwidth and large
signal performance with very low input voltage noise while
dissipating a low 12mA supply current. The classical differen-
tial input stage, along with two stages of forward gain and a
high power output stage, combine to make the OPA686 an
exceptionally low distortion amplifier with excellent DC accu-
racy and output drive. The voltage feedback architecture allows
all standard op amp applications to be implemented with very
high performance.
The combination of low input voltage and current noise, along
with a 1.6GHz gain bandwidth product, make the OPA686 an
ideal amplifier for wideband transimpedance stages. As a volt-
age gain stage, the OPA686 is optimized for a flat response at a
gain of +10 and is guaranteed stable down to a noise gain of +7.
High Gain, 20MHz Transimpedance Amplifier
TM
A new external compensation technique can be used to give a
very flat frequency response below the minimum stable gain
for the OPA686, further improving its already exceptional
distortion performance. Using this compensation makes the
OPA686 one of the premier 12- to 14-bit analog-to-digital
converter input drivers. The supply current for the OPA686 is
precisely trimmed to 12.4mA at +25
°C. This, along with
carefully defined supply current tempcos in the input and
output stages, combine to provide exceptional performance
over the full specified temperature range.
OPA686
OPA686
©1997 Burr-Brown Corporation
PDS-1370D
Printed in U.S.A. May, 2000
OPA686
+5V
–5V
V
O
50k
Ω
0.1
µF
100pF
50k
Ω
0.2pF
10pF
Photodiode
I
S
–V
B
Supply decoupling
not shown.
λ
100
95
90
85
80
75
70
65
60
Frequency (MHz)
0.1
1
10
100
20log (50k
Ω) = 94dBΩ
OPA686 RELATED PRODUCTS
INPUT NOISE
GAIN BANDWIDTH
SINGLES
DUALS
VOLTAGE (nV/
√Hz)
PRODUCT (MHz)
OPA643
2.3
800
OPA2686
1.3
1600
OPA687
0.95
3600
For most current data sheet and other product
information, visit www.burr-brown.com
SBOS063


Similar Part No. - OPA686

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
OPA686N BURR-BROWN-OPA686N Datasheet
158Kb / 15P
Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
OPA686U BURR-BROWN-OPA686U Datasheet
158Kb / 15P
Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
OPA686U BURR-BROWN-OPA686U Datasheet
59Kb / 4P
EVALUATION FIXTURE
More results

Similar Description - OPA686

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2686 BURR-BROWN-OPA2686 Datasheet
171Kb / 18P
Dual, Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
390Kb / 21P
Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA847IDBVTG4 TI1-OPA847IDBVTG4 Datasheet
884Kb / 30P
Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
OPA847IDRG4 TI-OPA847IDRG4 Datasheet
867Kb / 30P
Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA846 TI1-OPA846_15 Datasheet
866Kb / 29P
Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com