Electronic Components Datasheet Search
  English  ▼

X  

OPA682P Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA682P
Description  Wideband, Fixed Gain BUFFER AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA682P Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA682P Datasheet HTML 3Page - Texas Instruments OPA682P Datasheet HTML 4Page - Texas Instruments OPA682P Datasheet HTML 5Page - Texas Instruments OPA682P Datasheet HTML 6Page - Texas Instruments OPA682P Datasheet HTML 7Page - Texas Instruments OPA682P Datasheet HTML 8Page - Texas Instruments OPA682P Datasheet HTML 9Page - Texas Instruments OPA682P Datasheet HTML 10Page - Texas Instruments OPA682P Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
®
OPA682
TYPICAL PERFORMANCE CURVES: VS = ±5V
G = +2 and RL = 100Ω, unless otherwise noted (see Figure 1).
2
1
0
–1
–2
–3
–4
–5
–6
–7
–8
Frequency (50MHz/div)
0
500MHz
250MHz
SMALL-SIGNAL FREQUENCY RESPONSE
G = –1
G = +1
G = +2
8
7
6
5
4
3
2
1
0
–1
–2
Frequency (25MHz/div)
0
250MHz
125MHz
LARGE-SIGNAL FREQUENCY RESPONSE
2Vp-p
R
L = 100Ω
1Vp-p
4Vp-p
7Vp-p
400
300
200
100
0
–100
–200
–300
–400
SMALL-SIGNAL PULSE RESPONSE
Time (5ns/div)
V
O = 0.5Vp-p
+4
+3
+2
+1
0
–1
–2
–3
–4
LARGE-SIGNAL PULSE RESPONSE
Time (5ns/div)
V
O = 5Vp-p
2.0
1.6
1.2
0.8
0.4
0
LARGE-SIGNAL DISABLE/ENABLE RESPONSE
Time (50ns/div)
6.0
4.0
2.0
0
V
DIS
Output Voltage
V
IN = +1V
DISABLED FEEDTHROUGH vs FREQUENCY
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
Frequency (MHz)
1
10
100
Forward
V
DIS = 0
Reverse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com