Electronic Components Datasheet Search
  English  ▼

X  

OPA682P Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA682P
Description  Wideband, Fixed Gain BUFFER AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA682P Datasheet(HTML) 1 Page - Texas Instruments

  OPA682P Datasheet HTML 1Page - Texas Instruments OPA682P Datasheet HTML 2Page - Texas Instruments OPA682P Datasheet HTML 3Page - Texas Instruments OPA682P Datasheet HTML 4Page - Texas Instruments OPA682P Datasheet HTML 5Page - Texas Instruments OPA682P Datasheet HTML 6Page - Texas Instruments OPA682P Datasheet HTML 7Page - Texas Instruments OPA682P Datasheet HTML 8Page - Texas Instruments OPA682P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
nternational Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
Wideband, Fixed Gain
BUFFER AMPLIFIER With Disable
OPA682
®
FEATURES
q INTERNALLY FIXED GAIN: +2 OR
±1
q HIGH BANDWIDTH (G = +2): 240MHz
q LOW SUPPLY CURRENT: 6mA
q LOW DISABLED CURRENT: 320
µA
q HIGH OUTPUT CURRENT: 150mA
q OUTPUT VOLTAGE SWING:
±4.0V
q
±5V OR SINGLE +5V OPERATION
q SOT23-6 AVAILABLE
APPLICATIONS
q BROADBAND VIDEO LINE DRIVERS
q VIDEO MULTIPLEXERS
q MULTIPLE LINE VIDEO DA
q PORTABLE INSTRUMENTS
q ADC BUFFERS
q ACTIVE FILTERS
TM
DESCRIPTION
The OPA682 provides an easy to use, broadband fixed gain
buffer amplifier. Depending on the external connections, the
internal resistor network may be used to provide either a
fixed gain of +2 video buffer or a gain of +1 or –1 voltage
buffer. Operating on a very low 6mA supply current, the
OPA682 offers a slew rate and output power normally
associated with a much higher supply current. A new output
stage architecture delivers high output current with a mini-
mal headroom and crossover distortion. This gives excep-
tional single supply operation. Using a single +5V supply,
the OPA682 can deliver a 1V to 4V output swing with over
100mA drive current and 200MHz bandwidth. This combi-
nation of features makes the OPA682 an ideal RGB line
driver or single supply ADC input driver.
OPA682 RELATED PRODUCTS
SINGLES
DUALS
TRIPLES
Voltage Feedback
OPA680
OPA2680
OPA3680
Current Feedback
OPA681
OPA2681
OPA3681
Fixed Gain
OPA682
OPA2682
OPA3682
The OPA682’s low 6mA supply current is precisely trimmed
at 25
°C. This trim, along with low drift over temperature,
guarantees lower maximum supply current than competing
products that report only a room temperature nominal supply
current. System power may be further reduced by using the
optional disable control pin. Leaving this disable pin open, or
holding it high, gives normal operation. If pulled low, the
OPA682 supply current drops to less than 320
µA while the
output goes into a high impedance state. This feature may be
used for either power savings or for video MUX applications.
OPA682
OPA682
OPA682
©1999 Burr-Brown Corporation
PDS-1428C
Printed in U.S.A. September, 1999
Video
Out
75
Ω
75
Ω
RG-59
75
Ω
75
Ω
RG-59
75
Ω
75
Ω
RG-59
75
Ω
75
Ω
RG-59
75
Ω
1
2
3
4
8
7
6
5
DIS
OPA682
8-Pin DIP, SO-8
G = +2
240MHz, 4-Output Component Video D/A
+5V
–5V
Video
In
SBOS085


Similar Part No. - OPA682P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA682P BURR-BROWN-OPA682P Datasheet
213Kb / 20P
Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
More results

Similar Description - OPA682P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2682 BURR-BROWN-OPA2682 Datasheet
182Kb / 19P
Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA3682 BURR-BROWN-OPA3682 Datasheet
234Kb / 19P
Triple, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
THS4302 TI-THS4302 Datasheet
602Kb / 23P
WIDEBAND FIXED-GAIN AMPLIFIER
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
THS4303 TI1-THS4303_14 Datasheet
1Mb / 30P
WIDEBAND FIXED-GAIN AMPLIFIER
OPA2682 TI1-OPA2682 Datasheet
195Kb / 20P
Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA3682 TI1-OPA3682 Datasheet
218Kb / 20P
Triple, Wideband, Fixed Gain BUFFER AMPLIFIER
OPA692 TI1-OPA692 Datasheet
1Mb / 30P
Wideband, Fixed Gain Video BUFFER AMPLIFIER
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com