Electronic Components Datasheet Search
  English  ▼

X  

OPA682P Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA682P
Description  Wideband, Fixed Gain BUFFER AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA682P Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA682P Datasheet HTML 8Page - Texas Instruments OPA682P Datasheet HTML 9Page - Texas Instruments OPA682P Datasheet HTML 10Page - Texas Instruments OPA682P Datasheet HTML 11Page - Texas Instruments OPA682P Datasheet HTML 12Page - Texas Instruments OPA682P Datasheet HTML 13Page - Texas Instruments OPA682P Datasheet HTML 14Page - Texas Instruments OPA682P Datasheet HTML 15Page - Texas Instruments OPA682P Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12
®
OPA682
–40
–50
–60
–70
–80
–90
2nd HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
1
10
20
V
O = 2Vp-p
R
L = 100Ω
G = +1
G = –1
G = +2
TYPICAL PERFORMANCE CURVES: VS = +5V (Cont.)
G = +2 and RL = 100Ω to VCM = +2.5V, unless otherwise noted (see Figure 2).
3rd HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
1
10
20
–40
–50
–60
–70
–80
–90
V
O = 2Vp-p
R
L = 100Ω
G = –1
G = +2
G = +1
2nd HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
1
10
20
–40
–50
–60
–70
–80
–90
V
O = 2Vp-p
Loads to 2.5V
R
L = 500Ω
R
L = 200Ω
R
L = 100Ω
3rd HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
1
10
20
–40
–50
–60
–70
–80
–90
V
O = 2Vp-p
R
L = 100Ω
R
L = 500Ω
R
L = 200Ω
Loads to 2.5V
–40
–50
–60
–70
–80
–90
TWO-TONE, 3rd-ORDER SPURIOUS LEVEL
Single-Tone Load Power (dBm)
–14
2
–12
–10
–8
–6
–4
–2
0
50MHz
20MHz
10MHz
Load Power at Matched 50
Ω Load
dBc = dB Below Carriers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com