Electronic Components Datasheet Search
  English  ▼

X  

OPA684IDBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA684IDBVT
Description  Low-Power, Current Feedback OPERATIONAL AMPLIFIER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA684IDBVT Datasheet(HTML) 5 Page - Texas Instruments

  OPA684IDBVT Datasheet HTML 1Page - Texas Instruments OPA684IDBVT Datasheet HTML 2Page - Texas Instruments OPA684IDBVT Datasheet HTML 3Page - Texas Instruments OPA684IDBVT Datasheet HTML 4Page - Texas Instruments OPA684IDBVT Datasheet HTML 5Page - Texas Instruments OPA684IDBVT Datasheet HTML 6Page - Texas Instruments OPA684IDBVT Datasheet HTML 7Page - Texas Instruments OPA684IDBVT Datasheet HTML 8Page - Texas Instruments OPA684IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
OPA684
5
SBOS219D
www.ti.com
6
3
0
–3
–6
–9
–12
–15
–18
Frequency (MHz)
1
200
10
100
NONINVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
V
O = 0.5Vp-p
R
F = 1kΩ
G = 100
See Figure 1
G = 50
G = 1
G = 2
G = 5
G = 10
+3
0
–3
–6
–9
–12
Frequency (MHz)
1
200
10
100
INVERTING SMALL-SIGNAL FREQUENCY RESPONSE
V
O = 0.5Vp-p
R
F = 1kΩ
See Figure 2
G = –10
G = –20
G = –1
G = –5
G = –2
9
6
3
0
–3
Frequency (MHz)
1
200
10
100
NONINVERTING LARGE-SIGNAL
FREQUENCY RESPONSE
G = +2
R
L = 100Ω
See Figure 1
V
O = 1Vp-p
V
O = 0.5Vp-p
5Vp-p
2Vp-p
3
0
–3
–6
–9
–12
Frequency (MHz)
1
200
10
100
INVERTING LARGE-SIGNAL FREQUENCY RESPONSE
G = –1
R
L = 100Ω
V
O = 0.5Vp-p
See Figure 2
1Vp-p
2Vp-p
5Vp-p
NONINVERTING PULSE RESPONSE
Time (10ns/div)
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
1.6
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
–1.6
Large-Signal Right Scale
Small-Signal Left Scale
See Figure 1
G = +2
INVERTING PULSE RESPONSE
Time (10ns/div)
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
1.6
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
–1.6
Large-Signal Right Scale
Small-Signal Left Scale
See Figure 2
G = –1
TYPICAL CHARACTERISTICS: VS = ±5V
At TA = +25°C, G = +2, RF = 1kΩ, RL = 100Ω, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com