Electronic Components Datasheet Search
  English  ▼

X  

OPA684IDBVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA684IDBVT
Description  Low-Power, Current Feedback OPERATIONAL AMPLIFIER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA684IDBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA684IDBVT Datasheet HTML 7Page - Texas Instruments OPA684IDBVT Datasheet HTML 8Page - Texas Instruments OPA684IDBVT Datasheet HTML 9Page - Texas Instruments OPA684IDBVT Datasheet HTML 10Page - Texas Instruments OPA684IDBVT Datasheet HTML 11Page - Texas Instruments OPA684IDBVT Datasheet HTML 12Page - Texas Instruments OPA684IDBVT Datasheet HTML 13Page - Texas Instruments OPA684IDBVT Datasheet HTML 14Page - Texas Instruments OPA684IDBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
OPA684
11
SBOS219D
www.ti.com
–50
–60
–70
–80
–90
Frequency (MHz)
0.1
20
110
HARMONIC DISTORTION vs FREQUENCY
V
O = 2Vp-p
R
L = 100Ω
See Figure 3
2nd-Harmonic
3rd-Harmonic
2-TONE, 3RD-ORDER
INTERMODULATION DISTORTION
–15 –14 –13 –12 –11 –10
–6
–5
–7
–8
–9
–4
–3
Power at Load (each tone, dBm)
–50
–60
–70
–80
–90
See Figure 3
10MHz
20MHz
5MHz
1MHz
SUPPLY AND OUTPUT CURRENT
vs TEMPERATURE
–25
0
25
50
75
100
125
Ambient Temperature (
°C)
100
75
50
1.5
1.4
1.3
1.2
1.1
1.0
Supply Current
Right Scale
Sourcing Output Current
Left Scale
Sinking Output Current
Left Scale
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
Number of 150
Ω Video Loads
14
23
COMPOSITE VIDEO DIFFERENTIAL GAIN/PHASE
dP
dG
G = +2
NTSC, Positive Video
TYPICAL CHARACTERISTICS: VS = +5V (Cont.)
At TA = +25°C, VS = 5V, G = +2, RF = 1.3kΩ, RL = 100Ω, unless otherwise noted.
HARMONIC DISTORTION vs LOAD RESISTANCE
100
1k
Load Resistance (
Ω)
–50
–55
–60
–65
–70
–75
–80
–85
–90
V
O = 2Vp-p
f = 5MHz
See Figure 3
3rd-Harmonic
2nd-Harmonic
–50
–60
–70
–80
–90
Output Voltage (Vp-p)
0.5
3
12
HARMONIC DISTORTION vs OUTPUT VOLTAGE
G = +2
R
L = 100Ω
f = 5MHz
3rd-Harmonic
2nd-Harmonic
See Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com