Electronic Components Datasheet Search
  English  ▼

X  

OPA684IDBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA684IDBVT
Description  Low-Power, Current Feedback OPERATIONAL AMPLIFIER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA684IDBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA684IDBVT Datasheet HTML 2Page - Texas Instruments OPA684IDBVT Datasheet HTML 3Page - Texas Instruments OPA684IDBVT Datasheet HTML 4Page - Texas Instruments OPA684IDBVT Datasheet HTML 5Page - Texas Instruments OPA684IDBVT Datasheet HTML 6Page - Texas Instruments OPA684IDBVT Datasheet HTML 7Page - Texas Instruments OPA684IDBVT Datasheet HTML 8Page - Texas Instruments OPA684IDBVT Datasheet HTML 9Page - Texas Instruments OPA684IDBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
OPA684
6
SBOS219D
www.ti.com
HARMONIC DISTORTION vs LOAD RESISTANCE
100
1k
Load Resistance (
Ω)
–50
–55
–60
–65
–70
–75
–80
–85
–90
V
O = 2Vp-p
f = 5MHz
G = +2
See Figure 1
2nd-Harmonic
3rd-Harmonic
–50
–60
–70
–80
–90
Frequency (MHz)
0.1
20
110
HARMONIC DISTORTION vs FREQUENCY
V
O = 2Vp-p
R
L = 100Ω
See Figure 1
2nd-Harmonic
3rd-Harmonic
HARMONIC DISTORTION vs OUTPUT VOLTAGE
0.5
1
5
Output Voltage (Vp-p)
–50
–60
–70
–80
–90
f = 5MHz
R
L = 100Ω
2nd-Harmonic
3rd-Harmonic
See Figure 1
5MHz HARMONIC DISTORTION vs SUPPLY VOLTAGE
±2.5
±3
±3.5
±4
±4.5
±5
±5.5
±6
Supply Voltage (
±V)
–50
–60
–70
–80
–90
V
O = 2Vp-p
R
L = 100Ω
2nd-Harmonic
3rd-Harmonic
See Figure 1
HARMONIC DISTORTION vs NONINVERTING GAIN
Gain (V/V)
See Figure 1
110
20
–50
–55
–60
–65
–70
–75
–80
–85
–90
V
O = 2Vp-p
f = 5MHz
R
L = 100Ω
2nd-Harmonic
3rd-Harmonic
HARMONIC DISTORTION vs INVERTING GAIN
110
20
Inverting Gain (V/V)
–50
–55
–60
–65
–70
–75
–80
–85
–90
3rd-Harmonic
2nd-Harmonic
V
O = 2Vp-p
f = 5MHz
R
L = 100Ω
See Figure 2
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
At TA = +25°C, G = +2, RF = 1kΩ, RL = 100Ω, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com