Electronic Components Datasheet Search
  English  ▼

X  

VSC7959 Datasheet(PDF) 7 Page - Vitesse Semiconductor Corporation

Part # VSC7959
Description  3.125Gb/s CML Limiting Amplifier with LOS Detect
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7959 Datasheet(HTML) 7 Page - Vitesse Semiconductor Corporation

Back Button VSC7959 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7959 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7959 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7959 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7959 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7959 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7959 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7959 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7959 Datasheet HTML 10Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7959
3.125Gb/s CML Limiting Amplifier with LOS Detect
G52358-0, Rev 2.0
Page 7
02/09/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Detailed Description
The VSC7959 is a high speed limiting amplifier with Loss-of-Signal (LOS) detect. The device is designed
to operate with a 3.3V or 5V supply in SDH/SONET and Fibre Channel applications up to 3.125Gb/s. The
VSC7959 has current-mode logic (CML) outputs. The VSC7961 provides the same functionality as the
VSC7959 with positive emitter-coupled logic (PECL) outputs. The key features of the VSC7959 are Loss-of-
Signal (LOS) detect, output offset correction, output squelch, adjustable output levels, low power supply cur-
rent, and fast rise and fall times.
The inputs of the device provide 100
Ω input impedance between IN+ and IN- and are intended to be DC-
coupled. The CML output circuits are designed to tolerate output impedance mismatches and may be AC- or
DC-coupled.
Loss of Signal (LOS) Detect
This features utilizes an RMS power detector with programmable LOS indicator to provide two outputs,
LOS and LOS. The input TH is used to set the threshold at which the loss of signal detector outputs, LOS and
LOS, change state. See the Loss of Signal Specifications (Table 3) for setting the resistor value between TH and
ground. The Loss of Signal Truth Table (Table 4) clarifies how LOS and SQUELCH interact.
Optional Squelch
Squelch is disabled when SQUELCH is not connected or is set to TTL low level. When SQUELCH is set to
TTL high level and LOS is asserted, the data outputs, OUT+ and OUT- are forced to static levels. If LOS is not
asserted, the outputs will not be squelched.
Offset Correction
This feature is provided to ensure that the offsets in the limiting amplifier coupled with its gain do not cause
the output buffer to give a false output. Because of the high gain of the amplifier, offset correction using a low-
frequency feedback loop reduces input offset. If no component is placed between pins CZ1 and CZ2, the low
frequency cut-off is 2MHz. If a 0.1
µF capacitor is placed between CZ1 and CZ2, the low frequency cut-off is
lowered to about 2kHz. For Fibre Channel and Gigabit Ethernet applications, leave pins CZ1 and CZ2 open. For
ATM/SONET and other scrambled non-return-to-zero (NRZ) applications, place a 0.1
µF capacitor between
CZ1 and CZ2. This maintains a one-decade separation between the lowest input frequency and the low fre-
quency cut-off. The low frequency cut-off of the offset correction loop is given by the following equation:
fOC = 43 / [2π * 35k (CZ + 100pF)]
= 196 • 10-6 / (CZ + 100pF)
= 196 • 10-6 / (0.1
µF + 100pF)
= 1.96kHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com