Electronic Components Datasheet Search
  English  ▼

X  

VSC7959 Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC7959
Description  3.125Gb/s CML Limiting Amplifier with LOS Detect
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7959 Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC7959 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7959 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7959 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7959 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7959 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7959 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7959 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7959 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7959 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7959
3.125Gb/s CML Limiting Amplifier with LOS Detect
Page 4
G52358-0, Rev 2.0
02/09/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Package Pin Descriptions
Figure 1: Pin Diagram
Table 5: Pin Identifications
Pin Name
Pin No.
Description
CZ1
1
Offset Correction Loop Capacitor. Place capacitor between this pin and CZ2 to alter time constant
of offset correction loop. See Detailed Description section.
CZ2
2
Offset Correction Loop Capacitor. Place capacitor between this pin and CZ1 to alter time constant
of offset correction loop. See Detailed Description section.
GND
3
Supply Ground
IN+
4
Noninverted Input Signal
IN-
5
Inverted Input Signal
GND
6
Supply Ground
LEVEL
7
Output Current Level. This pin may either be connected to ground or left unconnected. Connecting
to ground causes output current to be 20mA. The output is 16mA when left unconnected. See
Detailed Description section.
TH
8
Loss of Signal (LOS) Threshold. Connect a resistor from this pin to ground to set the input signal
level at which LOS outputs will be asserted. See Application Information section.
LOS
9
Inverted Loss of Signal Output. LOS is HIGH for input signals above the threshold programmed by
TH. See Detailed Description section.
LOS
10
Noninverted Loss of Signal Output. LOS is LOW for input signals above the threshold programmed
by TH. See Detailed Description section.
VCC
11
Power Supply
OUT-
12
Inverted Data Output
OUT+
13
Noninverted Data Output
VCC
14
Power Supply
SQUELCH
15
Squelch Input. Squelch is disabled if this pin is unconnected or set LOW. When SQUELCH is
HIGH, OUT+ and OUT- are forced to static levels.
NC
16
No Connection
1
2
3
4
5
6
7
8
CZ1
CZ2
GND
IN+
IN-
GND
LEVEL
TH
NC
SQUELCH
VCC
OUT+
OUT-
VCC
LOS
LOS
16
15
14
13
12
11
10
9
VSC7959
Top View
TSSOP-16 Package



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com