Electronic Components Datasheet Search
  English  ▼

X  

VSC7959 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7959
Description  3.125Gb/s CML Limiting Amplifier with LOS Detect
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7959 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7959 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7959 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7959 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7959 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7959 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7959 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7959 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7959 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7959 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7959
3.125Gb/s CML Limiting Amplifier with LOS Detect
G52358-0, Rev 2.0
Page 1
02/09/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Features
Applications
General Description
The VSC7959 is a single supply limiting amplifier with Loss of Signal (LOS) detect for SONET/SDH and
Fibre Channel applications up to 3.125Gb/s. The VSC7959 provides a constant output signal swing for a wide
range of input voltages and has Current-Mode Logic (CML) outputs. The VSC7961 provides the same function-
ality as the VSC7959 with positive emitter-coupled logic (PECL) outputs. Key features of the VSC7959 are its
RMS power detectors for programmable LOS detection, optional output squelch, adjustable output levels,
excellent jitter performance, and fast edge rates. The VSC7959 is available in die form or in a TSSOP-16 pack-
age.
Block Diagram
• 3.3V or 5V Power Supply
• Typical Supply Current of 32mA
• Current-Mode Logic Outputs
• Optional Output Squelch
• Loss of Signal Detect
• Output Offset Correction
• Rise/Fall Times Faster than 100ps
• Packages: TSSOP-16, Bare Die
VSC7959
100
Ω
IN+
IN-
RMS Power
Detect and
Control
Lowpass Filter
10pF
Offset Correction
8k
Ω
Output Control
8k
Ω
VCC
VCC
LOS
SQUELCH
LEVEL
OUT+
OUT-
LOS
CZ1
CZ2
TH
• SONET/SDH at 622Mb/s, 1.244Gb/s, 2.488Gb/s,
and 3.125Gb/s
• Full-Speed Fibre Channel (1.062Gb/s)
• Small Form Factor (SFF) Receivers
• ATM Optical Receivers


Similar Part No. - VSC7959

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7958 VITESSE-VSC7958 Datasheet
67Kb / 8P
2.5Gb/s High Speed Limiting Post Amplifier for OC-48/SDH-16 Applications
VSC7958CC VITESSE-VSC7958CC Datasheet
67Kb / 8P
2.5Gb/s High Speed Limiting Post Amplifier for OC-48/SDH-16 Applications
VSC7958X VITESSE-VSC7958X Datasheet
67Kb / 8P
2.5Gb/s High Speed Limiting Post Amplifier for OC-48/SDH-16 Applications
More results

Similar Description - VSC7959

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7961 VITESSE-VSC7961 Datasheet
95Kb / 10P
3.125Gb/s PECL Limiting Amplifier with LOS Detect
VSC7969 VITESSE-VSC7969 Datasheet
170Kb / 14P
3.125Gb/s Integrated Transimpedance and Limiting Amplifier with Signal Detect
logo
Micrel Semiconductor
SY88973V MICREL-SY88973V Datasheet
123Kb / 11P
3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88403BL MICREL-SY88403BL Datasheet
549Kb / 12P
3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
SY88973BL MICREL-SY88973BL Datasheet
539Kb / 11P
3.3V 3.2Gbps CML Low Power Limiting Post Amplifier with TTL LOS
SY84403BL MICREL-SY84403BL Datasheet
532Kb / 10P
Ultra Small 3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
SY84403BL MICREL-SY84403BL Datasheet
413Kb / 10P
Ultra Small 3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
SY88305BL MICREL-SY88305BL Datasheet
391Kb / 11P
3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Signal-Detect Range
SY88773VMG MICREL-SY88773VMG Datasheet
120Kb / 11P
LOW-POWER LIMITING POST AMPLIFIER WITH TTL LOS
logo
Microchip Technology
SY88403BL MICROCHIP-SY88403BL Datasheet
2Mb / 23P
3.3V 4.25 Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
Revision A February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com