Electronic Components Datasheet Search
  English  ▼

X  

TPS51513 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51513
Description  SINGLE PHASE, D-CAP SYNCHRONOUS BUCK CONTROLLER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51513 Datasheet(HTML) 2 Page - Texas Instruments

  TPS51513 Datasheet HTML 1Page - Texas Instruments TPS51513 Datasheet HTML 2Page - Texas Instruments TPS51513 Datasheet HTML 3Page - Texas Instruments TPS51513 Datasheet HTML 4Page - Texas Instruments TPS51513 Datasheet HTML 5Page - Texas Instruments TPS51513 Datasheet HTML 6Page - Texas Instruments TPS51513 Datasheet HTML 7Page - Texas Instruments TPS51513 Datasheet HTML 8Page - Texas Instruments TPS51513 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
TPS51513
SLUS956A – JUNE 2009 – REVISED FEBRUARY 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE / UNIT
VBST
–0.3 V to 36 V
VBST to LL
–0.3 V to 6 V
Input voltage range(2)
CSP, CSN, EN, IMON2, ISLEW, OSRSEL, REF, SLP,
–0.3 V to 6 V
TONSEL, TRIPSEL, V5IN, V5FILT, VID0, VID1, VID2, VSNS
LL
–5.0 V to 30 V
DRVH
–5.0 V to 36 V
Output voltage range(2)
DRVH to LL
–0.3 V to 6 V
DROOP, DRVL, IMON, IMON2 IMONC, PG, PGOOD, VREF
–0.3 V to 6 V
GSNS, PGND
–0.3 V to 0.3 V
Operating junction temperature, TJ
–40°C to +150°C
Storage temperature, Tstg:
–55°C to +150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal unless otherwise noted.
DISSIPATION RATING TABLE (2 OZ. TRACE AND COPPER PAD WITH SOLDER)
TA< 25°C
DERATING FACTOR
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
32 pin RHB
2.94 W
29.4 mW / °C
1.17 W
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
Conversion voltage (no pin assigned)
3.0
28
Supply voltages
V
V5IN, V5FILT
4.5
5.5
VBST
–0.1
34
Voltage range, conversion pins
DRVH
–0.8
34
V
LL
–0.8
28
Voltage range, 5-V pins
DRVL, OSRSEL, TONSEL, TRIPSEL
–0.1
5.5
V
Voltage range, 3.3-V pins
EN, IMON, IMONC, PG, PGOOD, SLP, VID0, VID1, VID2
–0.1
3.6
V
Voltage range, low-voltage pins
CSN, CSP, DROOP, IMON2, ISLEW, REF, VREF, VSNS
–0.1
2.0
V
Ground pins
GSNS, PGND
–0.1
0.1
V
Operating free-air temperature, TA
–10
100
°C
2
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS51513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com