Electronic Components Datasheet Search
  English  ▼

X  

TPS51513 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51513
Description  SINGLE PHASE, D-CAP SYNCHRONOUS BUCK CONTROLLER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51513 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS51513 Datasheet HTML 17Page - Texas Instruments TPS51513 Datasheet HTML 18Page - Texas Instruments TPS51513 Datasheet HTML 19Page - Texas Instruments TPS51513 Datasheet HTML 20Page - Texas Instruments TPS51513 Datasheet HTML 21Page - Texas Instruments TPS51513 Datasheet HTML 22Page - Texas Instruments TPS51513 Datasheet HTML 23Page - Texas Instruments TPS51513 Datasheet HTML 24Page - Texas Instruments TPS51513 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
–25
1.05
1.00
25
1.15
1.10
1.40
1.35
1.50
1.45
1.25
1.20
1.30
0
75
125
100
50
R
CS(eff)
R
T
J – Temperature – °C
P _ N
CS(eff )
DCR
SEQU
P _ N
R
R
R
R
R
=
´
+
(
)
PAR
NTC
SERIES
P _ N
PAR
NTC
SERIES
R
R
R
R
R
R
R
´
+
=
+
+
( )
( )
RIPPLE
MAX
TRIPSEL min
CS eff
I
V
R
I
2
æ
ö
æ
ö
³
´
-
ç
÷
ç
÷
è
ø
è
ø
TPS51513
www.ti.com
SLUS956A – JUNE 2009 – REVISED FEBRUARY 2010
EFFECTIVE OUTPUT RESISTANCE
vs
TEMPERATURE
Figure 11.
In this case, the nearest standard values are:
•
RSEQU = 2.61 kΩ;
•
RSERIES = 3.16 kΩ;
•
RPAR = 12.7 kΩ
•
CSENSE =180 nF
Note the effective divider ratio for the inductor DCR. The effective current sense resistance (RCS_Eff) is:
(12)
RP_N is the series/parallel combination of RNTC, RSERIES and RPAR.
(13)
RCS_Eff is 1.31mΩ. Choose the value of TRIPSEL so the minimum TRIPSEL voltage is just above the voltage
across the current sense pins at the valley point of the current waveform. Maximize the value of RCS_Eff for
improved circuit performance.
(14)
In this case, the TRIPSEL minimum value needs to be greater than 29.8 mV; the next highest value in the
parameter table is 31.4 mV. This value corresponds to connecting TRIPSEL to VREF and RSLEW to VREF.
Step Six: Determine the output capacitor configuration. In general, for a system with a load-line, the ESR of the
output capacitors should be equal to or less than the load-line value. The magnitude and slew rate of the
dynamic load also drives the capacitor choice, as does the inductor selection. For highly dynamic systems, a
successful design has a combination of bulk and ceramic capacitance totaling approximately 1000mF.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s) :TPS51513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com