Electronic Components Datasheet Search
  English  ▼

X  

TPS51513 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51513
Description  SINGLE PHASE, D-CAP SYNCHRONOUS BUCK CONTROLLER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51513 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS51513 Datasheet HTML 9Page - Texas Instruments TPS51513 Datasheet HTML 10Page - Texas Instruments TPS51513 Datasheet HTML 11Page - Texas Instruments TPS51513 Datasheet HTML 12Page - Texas Instruments TPS51513 Datasheet HTML 13Page - Texas Instruments TPS51513 Datasheet HTML 14Page - Texas Instruments TPS51513 Datasheet HTML 15Page - Texas Instruments TPS51513 Datasheet HTML 16Page - Texas Instruments TPS51513 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
(
)
CS
CSINT
OUT
DROOP
DROOP
M droop
R
A
I
V
R
G
´
´
=
´
DROOP
L L
OUT
V
R
I
-
= -
UDG-09079
+
11 V
–
12 V
L
–
1 V
+
1 V
C
Q1 on
Q2 on
Q1
Q2
L
V
I
t
L
D
=
D
TPS51513
www.ti.com
SLUS956A – JUNE 2009 – REVISED FEBRUARY 2010
Droop or No-Droop Compensation
The TPS51513 can be designed to either provide a linear load line (also known as droop) or operate with a flat
load-line (no-droop). This is achieved by the component topology at the DROOP pin.
Droop is obtained by putting a resistor from DROOP to VREF (RDROOP) to limit the gain of the error amplifier. The
equation for droop is shown in Equation 2.
where
•
RCS is the effective current sense resistance, whether a sense resistor or inductor DCR is used
•
ACSINT is the gain of the current sense amplifier
•
IOUT is the output current,
•
GMDROOP is the GM of the droop amplifier.
(2)
The load-line is defined by the change in output voltage vs. the change in current.
(3)
The TPS51513 also has the ability to provide an output without a load line. In this case, referring to Figure 2, R2
is left open, and R1 and C2 are populated to break the DC path between DROOP and REF and providing very
high DC loop gain. Means to select R1 and C2 are given in the Design Procedure section.
Overshoot Reduction (OSR™) Feature
The problem of overshoot in low duty-cycle synchronous buck converters is well known, and results from the
output inductor having a small voltage (VCORE) with which to respond to a transient load release.
In Figure 5, with ideal components and the common values of 12-V input and 1-V output, the inductor voltage
(VL) with the upper FET on is 11 V (12V – 1V). With the lower FET on, the inductor voltage is only 1 V.
Figure 5. Representative Schematic of a Synchronous Converter
Because
, the converter can respond much more quickly to a load step than it can to a load release.
The idea of OSR is to turn off the lower FET during a transient load release to force the inductor current through
the body diode of the lower FET, thus increasing the voltage across the inductor to VCORE + VDIODE. This
discharges the inductor more quickly and reduces the peak voltage of the transient overshoot. As a result, less
output capacitance is required to achieve a given output tolerance specification.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s) :TPS51513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com